Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65182RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65182RGZR
Description  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65182RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65182RGZR Datasheet HTML 6Page - Texas Instruments TPS65182RGZR Datasheet HTML 7Page - Texas Instruments TPS65182RGZR Datasheet HTML 8Page - Texas Instruments TPS65182RGZR Datasheet HTML 9Page - Texas Instruments TPS65182RGZR Datasheet HTML 10Page - Texas Instruments TPS65182RGZR Datasheet HTML 11Page - Texas Instruments TPS65182RGZR Datasheet HTML 12Page - Texas Instruments TPS65182RGZR Datasheet HTML 13Page - Texas Instruments TPS65182RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SLEEP
ACTIVE
Rails
= ON
I2 C
= YES
POWER DOWN
NOTES
:
||, &
= logic OR
, logic AND
.
( ­ ), ( ¯ )
= rising edge
, falling edge
.
FAULT
= UVLO
|| TSD
( thermal shutdown
)|| BOOST UV
.
(*)
= Device follows default power
- up /down sequence
.
(**)
= Power sequencing is GPIO controlled
.
WAKEUP
( ­ ) &
All PWRx pins
= low
All rails
= OFF
I2 C
= NO
Battery removed
STANDBY
WAKEUP
= high
&
any PWRx pin
( ­ )
(**)
)
All rails
= OFF
I2 C
= YES
WAKEUP
= high
&
all PWRx pins
= ( ¯ )
(**)
||
FAULT
(**)
)
WAKEUP
( ¯ )
TPS65182, TPS65182B
SLVSAA2C – MARCH 2010 – REVISED OCTOBER 2010
www.ti.com
Figure 1. Global State Diagram
WAKE-UP AND POWER UP SEQUENCING
The TPS65182/TPS65182B supports a default power-up sequence supporting E Ink® Vizplex™ displays. It also
offers full user control of the power-up sequence through GPIO control using the PWR3, 2, 1, 0 pins. Using GPIO
control, the output rails are enabled/disabled in the order in which the PWRx pins are asserted/de-asserted,
respectively, and the power-up timing is controlled by the host only. Rails are in regulation 2 ms after their
respective PWRx pin has been asserted with the exception of the first rail, which takes 6 ms to power up. The
additional time is needed to power up the positive and inverting buck-boost regulator which need to be turned on
before any other rail can be enabled. Once all rails are enabled and in regulation the PWR_GOOD pin is
released (pin status = HiZ and power good line is pulled high by external pull-up resistor). The PWRx pins are
assigned to the rails as follows:
PWR0: LDO2 (VNEG) and VCOM
PWR1: CP2 (VEE)
PWR3: LDO2 (VPOS)
PWR4: CP1 (VDDH)
Rails are powered down whenever the host de-asserts the respective PWRx pin, and once all rails are disabled
the device enters STANDBY mode. The next step is then to de-assert the WAKEUP pin to enter SLEEP mode
which is the lowest-power mode of operation.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65182 TPS65182B


Similar Part No. - TPS65182RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65182RGZR TI1-TPS65182RGZR Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results

Similar Description - TPS65182RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com