Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65185RSLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65185RSLR
Description  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65185RSLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65185RSLR Datasheet HTML 7Page - Texas Instruments TPS65185RSLR Datasheet HTML 8Page - Texas Instruments TPS65185RSLR Datasheet HTML 9Page - Texas Instruments TPS65185RSLR Datasheet HTML 10Page - Texas Instruments TPS65185RSLR Datasheet HTML 11Page - Texas Instruments TPS65185RSLR Datasheet HTML 12Page - Texas Instruments TPS65185RSLR Datasheet HTML 13Page - Texas Instruments TPS65185RSLR Datasheet HTML 14Page - Texas Instruments TPS65185RSLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
0
10
20
30
40
50
60
70
80
90
1 00
0
2 5
50
7 5
1 00
1 25
15 0
1 75
Output Current [m A]
V IN= 3. 5
V IN= 5V
0
10
20
30
40
50
60
70
80
90
1 00
0
2 5
50
7 5
1 00
1 25
15 0
1 75
Output Current [m A]
V IN= 3. 5
V IN= 5V
TPS65185
www.ti.com
SLVSAQ8A
– FEBRUARY 2011 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
SWITCHING WAVE FORMS, VN
SWITCHING WAVE FORMS, VB
VIN = 3.7 V, RLOAD, VPOS = 330 Ω, RLOAD, VNEG = 330 Ω,
VIN = 3.7 V, RLOAD, VPOS = 330 Ω, RLOAD, VNEG = 330 Ω,
No Load on VDDH, VEE
No Load on VDDH, VEE
Figure 7.
Figure 8.
SWITCHING WAVE FORMS, VN
SWITCHING WAVE FORMS, VB
VIN = 5 V, RLOAD, VPOS = 330 Ω, RLOAD, VNEG = 330 Ω,
VIN = 5 V, RLOAD, VPOS = 330 Ω, RLOAD, VNEG = 330 Ω,
No Load on VDDH, VEE
No Load on VDDH, VEE
Figure 9.
Figure 10.
VN DCDC EFFICIENCY, T = 25
°C
VB DCDC EFFICIENCY, T = 25
°C
Figure 11.
Figure 12.
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS65185RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65185RSLR TI1-TPS65185RSLR Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185RSLR TI1-TPS65185RSLR Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185RSLR TI1-TPS65185RSLR Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
More results

Similar Description - TPS65185RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com