Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80CNQ040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 80CNQ040
Description  Schottky MiniMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

80CNQ040 Datasheet(HTML) 1 Page - Microsemi Corporation

  80CNQ040 Datasheet HTML 1Page - Microsemi Corporation 80CNQ040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
*Add the Suffix A for Common Anode, D for Doubler
Schottky MiniMod
Thermal and Mechanical Characteristics
Electrical Characteristics
F(AV) 80 Amps
F(AV) 40 Amps
FSM 800 Amps
R(OV)
2 Amps
FM 0.47 Volts
FM 0.53 Volts
RM
500 mA
J
2100 pF
RM 3.0 mA
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FST8130 - FST8145
Max thermal resistance per leg
0JC
Typical thermal resistance (greased)
Mounting Base Torque
Max thermal resistance per pkg
Weight
0JC
0CS
R
R
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max repetitive peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Operating junction temp range
Storage temp range
STG
TJ
R
T
C
I
V
V
I
I
I
I
I
FST8130*
FST8135*
FST8140*
FST8145*
Catalog Number
Microsemi
Voltage
Peak Reverse
Working
40V
45V
30V
35V
C = 110°C, Square wave,
0JC = 0.5°C/W
C = 110°C, Square wave,
0JC = 1.0°C/W
1.0°C/W
Junction to case
0.3 ounce (8.4 grams) typical
10 inch pounds maximum
Case to sink
0.3°C/W
0.5°C/W
8.3 ms, half sine,
J = 150°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 40A:
J = 150°C*
FM = 40A:
J = 25°C*
RRM,
J = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
T
Junction to case
-55°C to 150°C
-55°C to 175°C
V
V
T
I
V
I
T
T
T
T
T
T
R
R
Repetitive
Peak Reverse
Voltage
40V
45V
30V
35V
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
Note: Baseplate Common with Pin 2
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
80CNQ045, A
80CNQ040, A
84CNQ035
80CNQ035, A
84CNQ045
84CNQ040
Part Number
Industry
Reverse Energy Tested
Low Forward Voltage
2X40 Amperes avg.
Guard Ring Protection
Schottky Barrier Rectifier
150°C Junction Temperature
Common Cathode Center Tap
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - 80CNQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CNQ040 IRF-80CNQ040 Datasheet
123Kb / 6P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
80CNQ040 SMC-80CNQ040 Datasheet
226Kb / 5P
   Very Low forward voltage drop
logo
International Rectifier
80CNQ040A IRF-80CNQ040A Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
80CNQ040A VISHAY-80CNQ040A Datasheet
133Kb / 7P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ040A VISHAY-80CNQ040A Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 80CNQ040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
   Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
   Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
   Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
   Schottky MiniMod
FST6435 MICROSEMI-FST6435_10 Datasheet
119Kb / 2P
   Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
   Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
   Schottky MiniMod
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
   Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
   Schottky MiniMod
FST6130 MICROSEMI-FST6130 Datasheet
141Kb / 2P
   Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com