Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74001DGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74001DGKR
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74001DGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS74001DGKR Datasheet HTML 6Page - Texas Instruments TPS74001DGKR Datasheet HTML 7Page - Texas Instruments TPS74001DGKR Datasheet HTML 8Page - Texas Instruments TPS74001DGKR Datasheet HTML 9Page - Texas Instruments TPS74001DGKR Datasheet HTML 10Page - Texas Instruments TPS74001DGKR Datasheet HTML 11Page - Texas Instruments TPS74001DGKR Datasheet HTML 12Page - Texas Instruments TPS74001DGKR Datasheet HTML 13Page - Texas Instruments TPS74001DGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
300
250
200
150
100
50
0
0
2.5
InputVoltage(V)
0.5
V
=5V
V
=1.5V
BIAS
OUT
2
1.5
1
I
=750mA
OUT
I
=1500mA
OUT
0.91
0.905
0.9
0.895
0.89
1.4
6.4
InputVoltage(V)
2.4
V
=5V
BIAS
5.4
4.4
3.4
0.901
0.9005
0.9
0.8995
0.899
3
6.5
BiasVoltage(V)
3.5
V
=2.5V
IN
5
4.5
4
5.5
6
1.55
1.54
1.53
1.52
1.51
1.5
1.49
1.48
1.47
1.46
1.45
-40
125
Temperature( C)
°
-25
V
=5V
V
=2.5V
BIAS
IN
20
5
-10
35
95
110
80
65
50
4
3.5
3
2.5
2
1.5
1
0.5
0
-40
125
Temperature( C)
°
-25
V
=5V
V
=2.5V
V
=0V
BIAS
IN
OUT
20
5
-10
35
95
110
80
65
50
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
3
6.5
BiasVoltage(V)
3.5
V
=2.5V
IN
5
4.5
4
5.5
6
Off
On
TPS740xx
SBVS091A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
BIAS CURRENT vs INPUT VOLTAGE
REFERENCE VOLTAGE vs INPUT VOLTAGE
Figure 21.
Figure 22.
REFERENCE VOLTAGE vs BIAS VOLTAGE
OUTPUT VOLTAGE vs TEMPERATURE
Figure 23.
Figure 24.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
ENABLE THRESHOLD vs BIAS VOLTAGE
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74001DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001DGKR TI1-TPS74001DGKR Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74001DGKR TI1-TPS74001DGKR Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74001DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com