Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73518DRBR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73518DRBR
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73518DRBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS73518DRBR Datasheet HTML 1Page - Texas Instruments TPS73518DRBR Datasheet HTML 2Page - Texas Instruments TPS73518DRBR Datasheet HTML 3Page - Texas Instruments TPS73518DRBR Datasheet HTML 4Page - Texas Instruments TPS73518DRBR Datasheet HTML 5Page - Texas Instruments TPS73518DRBR Datasheet HTML 6Page - Texas Instruments TPS73518DRBR Datasheet HTML 7Page - Texas Instruments TPS73518DRBR Datasheet HTML 8Page - Texas Instruments TPS73518DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS735xx
SBVS087J
– JUNE 2008 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN, COUT = 2.2μF, CNR = 0.01μF, unless otherwise noted. For TPS73501, VOUT = 3.0V.
Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VFB
Internal reference (TPS73501)
1.184
1.208
1.232
V
VOUT
Output voltage range (TPS73501)
VFB
6.0
V
VOUT
Output accuracy
Nominal
TJ = +25°C
–1.0
+1.0
%
VOUT + 0.3V ≤ VIN ≤ VOUT > 6.5V
DRB
–2.0
±1.0
+2.0
%
1mA
≤ IOUT ≤ 500mA, VOUT > 2.2V
package
over VIN,
VOUT + 0.3V ≤ VIN ≤ 6.5V
–3.0
±1.0
+3.0
%
IOUT, Temp
1mA
≤ IOUT ≤ 500mA, VOUT ≤ 2.2V
VOUT + 0.3V ≤ VIN ≤ VOUT + 3.0V,
VOUT
Output accuracy(1)
VIN ≤ 6.5V
–2.0
±1.0
+2.0
%
DRV
1mA
≤ IOUT ≤ 500mA, VOUT > 2.2V
package
over VIN,
VOUT + 0.3V ≤ VIN ≤ VOUT + 3.0V,
IOUT, Temp
VIN ≤ 6.5V
–3.0
±1.0
+3.0
%
1mA
≤ IOUT ≤ 500mA, VOUT ≤ 2.2V
ΔVOUT%/ ΔVIN
Line regulation(1)
VOUT(NOM) + 0.3V ≤ VIN ≤ 6.5V
0.02
%/V
ΔVOUT%/ ΔIOUT
Load regulation
500
μA ≤ IOUT ≤ 500mA
0.005
%/mA
Dropout voltage(2)
VDO
IOUT = 500mA
280
500
mV
(VIN = VOUT(NOM) – 0.1V)
VOUT = 0.9 × VOUT(NOM)
ICL
Output current limit
VIN = VOUT(NOM) + 0.9V,
800
1170
1720
mA
VIN ≥ 2.7V
IGND
Ground pin current
500
μA ≤ IOUT ≤ 500mA
45
65
μA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V
0.15
1.0
μA
IFB
Feedback pin current (TPS73501)
–0.5
0.5
μA
f = 100Hz
60
dB
Power-supply rejection ratio
f = 1kHz
56
dB
PSRR
VIN = 3.85V, VOUT = 2.85V,
f = 10kHz
41
dB
CNR = 0.01μF, IOUT = 100mA
f = 100kHz
28
dB
CNR = 0.01μF
11 x VOUT
μVRMS
Output noise voltage
VN
BW = 10Hz to 100kHz, VOUT = 2.8V
CNR = none
95 x VOUT
μVRMS
CNR = none
45
μs
Startup time, VOUT= 0% to
CNR = 0.001μF
45
μs
90%
TSTR
VOUT = 2.85V,
CNR = 0.01μF
50
μs
RL = 14Ω, COUT = 2.2μF
CNR = 0.047μF
50
μs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5V
0.03
1.0
μA
Shutdown, temperature increasing
165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
–40
+125
°C
Under-voltage lock-out
VIN rising
1.90
2.20
2.65
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
4
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TPS73518DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73518QDRBRQ1 TI-TPS73518QDRBRQ1 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
More results

Similar Description - TPS73518DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com