Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS735285DRVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS735285DRVR
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS735285DRVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS735285DRVR Datasheet HTML 5Page - Texas Instruments TPS735285DRVR Datasheet HTML 6Page - Texas Instruments TPS735285DRVR Datasheet HTML 7Page - Texas Instruments TPS735285DRVR Datasheet HTML 8Page - Texas Instruments TPS735285DRVR Datasheet HTML 9Page - Texas Instruments TPS735285DRVR Datasheet HTML 10Page - Texas Instruments TPS735285DRVR Datasheet HTML 11Page - Texas Instruments TPS735285DRVR Datasheet HTML 12Page - Texas Instruments TPS735285DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
10 s/div
m
V
OUT
V
EN
C
=10 F
OUT
m
C
=2.2 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
V
EN
V
OUT
C
=2.2 F
OUT
m
C
=10 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
200mV/div
200mV/div
200mV/div
500mA/div
V
OUT
V
OUT
I
OUT
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
V
=3.0V
IN
500mA
1mA
10 s/div
m
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
-
V
IN =EN
V
OUT
R =5W
L
10 s/div
m
50mV/div
50mV/div
50mV/div
0.5V/div
V
OUT
V
OUT
V
OUT
V
OUT
V
IN
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
4V
3V
TPS735xx
www.ti.com
SBVS087J
– JUNE 2008 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2μF, CNR = 0.01μF, unless otherwise noted. For TPS73501, VOUT = 2.8V. The TPS73525 is used as the
evaluation target of the fixed-voltage option in this datasheet. However, this voltage option may not be released. Check the
Package Option Addendum at the end of this document for the availability of the 2.5V version.Typical values are at TJ =
+25
°C.
TPS73525
TURN-ON RESPONSE
TPS73525
(VIN = VEN)
EN RESPONSE OVER STABLE VIN
Figure 15.
Figure 16.
TPS73525
POWER-UP/POWER-DOWN
(VIN = VEN)
TPS73525 LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
TPS73525 LINE TRANSIENT RESPONSE
Figure 19.
Copyright
© 2008–2011, Texas Instruments Incorporated
9


Similar Part No. - TPS735285DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73525DRBR TI-TPS73525DRBR Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBR TI-TPS73525DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBR TI-TPS73525DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBR TI-TPS73525DRBR Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBR TI-TPS73525DRBR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS735285DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com