Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906W Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906W
Description  General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3906W Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3906W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Any changing of specification will not be informed individual
MMBT3906W
PNP Silicon
General Purpose Transistor
TYPICAL STATIC CHARACTERISTICS
Figure 13. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25°C
–55°C
Figure 14. Collector Saturation Region
IB, Base Current (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
Figure 15. “ON” Voltages
IC, Collector Current (mA)
0.4
0.6
0.8
1.0
0.2
Figure 16. Temperature Coefficients
IC, Collector Current (mA)
1.0
2.0 5.0
10
20
50
0
100
–0.5
0
0.5
1.0
0
60
80
120 140
160 180
20
40
100
200
–1.0
–1.5
–2.0
200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 1.0 V
+25°C TO +125°C
–55°C TO +25°C
+25°C TO +125°C
–55°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 5 of 5


Similar Part No. - MMBT3906W

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3906W WEITRON-MMBT3906W Datasheet
284Kb / 6P
   General Purpose Transistor PNP Silicon
logo
Pan Jit International I...
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
MMBT3906W KEXIN-MMBT3906W Datasheet
52Kb / 2P
   General Purpose Transistor
logo
Foshan Blue Rocket Elec...
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
MMBT3906W YFWDIODE-MMBT3906W Datasheet
662Kb / 4P
   PNP Transistor
More results

Similar Description - MMBT3906W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com