Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4401W
Description  Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4401W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4401W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4401W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4401W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4401W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT4401W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Any changing of specification will not be informed individual
MMBT4401W
NPN Silicon
Switching Transistor
ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(3)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 150 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
hFE
20
40
80
100
40
300
Collector – Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.4
0.75
Vdc
Base – Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.75
0.95
1.2
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
250
MHz
Collector–Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
6.5
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
30
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
1.0
15
k
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10–4
Small – Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
500
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
30
mmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VEB = 2.0 Vdc,
td
15
ns
Rise Time
( CC
,
EB
,
IC = 150 mAdc, IB1 = 15 mAdc)
tr
20
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
ts
225
ns
Fall Time
( CC
, C
,
IB1 = IB2 = 15 mAdc)
tf
30
ns
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+16 V
– 2.0 V
< 2.0 ns
0
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1.0 k
+ 30 V
200
CS* < 10 pF
+16 V
–14 V
0
< 20 ns
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1.0 k
+ 30 V
200
CS* < 10 pF
– 4.0 V
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 5


Similar Part No. - MMBT4401W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT4401W SEMTECH_ELEC-MMBT4401W Datasheet
157Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Pan Jit International I...
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBT4401W FOSHAN-MMBT4401W Datasheet
840Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
WILLAS ELECTRONIC CORP
MMBT4401WT1 WILLAS-MMBT4401WT1 Datasheet
533Kb / 6P
   General Purpose Transistors
More results

Similar Description - MMBT4401W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com