Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5221BW Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5221BW
Description  Surface Mount Zener Voltage Regulator Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5221BW Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5221BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5221BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5221BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBZ52XXBW Series
200 mW SOT-323 Series
Surface Mount Zener Voltage Regulator Diodes
Elektronische Bauelemente
04-Jun-2010 Rev. A
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - MMBZ5221BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jiangsu Changjiang Elec...
MMBZ5221BW JIANGSU-MMBZ5221BW Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Diode Semiconductor Kor...
MMBZ5221BW DSK-MMBZ5221BW Datasheet
266Kb / 4P
   200mW Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5221BW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com