Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180NQ045 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 180NQ045
Description  180 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

180NQ045 Datasheet(HTML) 2 Page - Microsemi Corporation

  180NQ045 Datasheet HTML 1Page - Microsemi Corporation 180NQ045 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Current - Amperes
DC
120 180
90
60
175
150
Figure 5
125
100
75
Maximum Forward Power Dissipation
300
180
240
120
60
50
25
0
0
Reverse Voltage - Volts
150 C
125 C
75 C
50
40
30
20
25 C
10
0
Typical Reverse Characteristics
1.0
0.1
100
10
10000
1000
Figure 2
Average Forward Current - Amperes
150
Figure 4
135
120
105
Forward Current Derating
300
DC
180
180
240
120
90
60
60
90
75
60
0
45
120
Reverse Voltage - Volts
100,000
40,000
60,000
Figure 3
Typical Junction Capacitance
100
50
10
5.0
1.0
0.5
6000
20,000
10,000
4000
2000
1000
0.1
Instantaneous Forward Voltage - Volts
25 C
150 C
Typical Forward Characteristics
100
200
1000
800
600
400
2000
Figure 1
80
60
1.5
1.3
1.1
0.5
0.7
0.3
0.1
0.9
10
20
40
HS18035 - HS18045
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - 180NQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 180 A
Revision: 28-Apr-08
More results

Similar Description - 180NQ045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
   180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380 Datasheet
119Kb / 2P
   180 Amp Schottky Rectifier
HS18135 MICROSEMI-HS18135_11 Datasheet
117Kb / 2P
   180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380_11 Datasheet
117Kb / 2P
   180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035 Datasheet
134Kb / 2P
   180 AMP SCHOTTKY RECTIFIER
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
   180 Amp Schottky ORing Rectifier
HS18135 MICROSEMI-HS18135 Datasheet
131Kb / 2P
   180 Amp Schottky OR,ing Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 180 A
Revision: 28-Apr-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 180 A
Revision: 06-May-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com