Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

243NQ100 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 243NQ100
Description  240 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

243NQ100 Datasheet(HTML) 1 Page - Microsemi Corporation

  243NQ100 Datasheet HTML 1Page - Microsemi Corporation 243NQ100 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is cathode
Base is anode
Std. Polarity
Rev. Polarity
B
D
J
G
C
F
K
L
E
A
H
ROHS Compliant
Reverse Energy Tested
MBR24080
MBR240100
243NQ100
243NQ080
Part Number
Industry
240 Amperes/80 to 100 Volts
Guard Ring Protection
Schottky Barrier Rectifier
175°C Junction Temperature
100V
80V
90V
Reverse Voltage
Repetitive Peak
Microsemi
Catalog Number
HS243100*
HS24390*
HS24380*
*Add Suffix R for Reverse Polarity
Working Peak
Reverse Voltage
80V
90V
100V
*Pulse test: Pulse width 300µsec, Duty cycle 2%
R
T
T
T
T
T
I
I
V
V
V
R = 5.0V,
C = 25°C
T
T
FM = 240A:
J = 175°C*
FM = 240A:
J = 25°C*
f = 1 KHZ, 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
8.3ms, half sine,
J = 175°C
C = 122°C, Square wave, 0JC =.24°C/W
I
I F(AV)
I
VFM
FM
V
I
C
I
R(OV)
RM
RM
FSM
J
Maximum surge current
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Max peak forward voltage
Average forward current
Maximum repetitive reverse current
Typical junction capacitance
0.72 Volts
8.0mA
0.86 Volts
240 Amps
2 Amps
Electrical Characteristics
200mA
6400pF
3300 Amps
Thermal and Mechanical Characteristics
0.12°C/W
0.24°C/W
Case to sink
-55°C to 175°C
-55°C to 175°C
Junction to case
20-25 inch pounds
1.1 ounces (32 grams) typical
35-40 inch pounds
T
R
R
J
T
STG
OJC
OCS
Terminal Torque
Storage temp range
Max thermal resistance
Typical thermal resistance (greased)
Operating junction temp range
Weight
Mounting Base Torque
HS24380 - HS243100
240 Amp Schottky Rectifier
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - 243NQ100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
243NQ100 MICROSEMI-243NQ100 Datasheet
142Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
243NQ100 IRF-243NQ100 Datasheet
104Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
243NQ100 SMC-243NQ100 Datasheet
225Kb / 4P
   Low forward voltage drop
243NQ100-1 SMC-243NQ100-1 Datasheet
223Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
243NQ100PBF VISHAY-243NQ100PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
More results

Similar Description - 243NQ100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS247180 MICROSEMI-HS247180_11 Datasheet
116Kb / 2P
   240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035 Datasheet
141Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24515 MICROSEMI-HS24515_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
HS246150 MICROSEMI-HS246150_11 Datasheet
116Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135_11 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380 Datasheet
129Kb / 2P
   240 Amp Schottky Rectifier
HS24035 MICROSEMI-HS24035_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com