Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1684CD Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1684CD
Description  Voltage-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1684CD Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1684CD Datasheet HTML 1Page - Microsemi Corporation LX1684CD Datasheet HTML 2Page - Microsemi Corporation LX1684CD Datasheet HTML 3Page - Microsemi Corporation LX1684CD Datasheet HTML 4Page - Microsemi Corporation LX1684CD Datasheet HTML 5Page - Microsemi Corporation LX1684CD Datasheet HTML 6Page - Microsemi Corporation LX1684CD Datasheet HTML 7Page - Microsemi Corporation LX1684CD Datasheet HTML 8Page - Microsemi Corporation LX1684CD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.0c, 2005-03-08
LX1684
Voltage-Mode PWM Controller
PRODUCTION DATA SHEET
TM
®
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
TA 70°C except where
otherwise noted. Test conditions: VCC=5V, VC1=16V
LX1684
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
REFERENCE
Reference Voltage
VFB
VOUT =VFB, TA=25°C
1.237
1.25
1.262
V
VOUT =VFB, 0°C < TA < 70°C
1.231
1.269
V
OSCILLATOR
Frequency
FOSC
135
175
200
kHz
Ramp Amplitude
VRAMP
1.25
VPP
ERROR AMPLIFIER
Input Resistance
RIN
VOUT = VFB
20
k
CURRENT SENSE
Current Set
ISET
VCS = VCC –0.4V
40
45
µA
VTRIP
300
380
420
mV
Current Sense Delayed
TCSD
1.0
µsec
OUTPUT DRIVERS
Drive Rise Time, Fall Time
TRF
CL = 3000pF
50
nS
Drive High
VDH
ISOURCE = 20mA, VC1=16V
13
14
V
Drive Low
VDL
ISINK = 20mA, VC1 =16V
0.1
0.2
V
UVLO AND SOFT-START (SS)
VCC5 Start-Up Threshold
VST
VC1 > 4.0V
4.0
4.25
4.5
V
Hysteresis
0.10
V
SS Resistor
RSS
22
k
SS Output Enable
VEN
0.25
0.3
0.35
V
Hiccup Duty Cycle
DCHIC
CSS = 0.1µF, FREQ =100Hz
12
14
%
SUPPLY CURRENT
VC1 Dynamic Supply Current
ICD
Out Freq = 175kHz, CL=3000pF, Synch., VSS
> 0.3V
30
40
mA
Static Supply Current VC1
IVC1
VSS < 0.3V ; outputs low (disable), VC1 = 16V
7
9
mA
5V
IVCC
VSS > 0.3V ; outputs low (disable)
9
12
mA


Similar Part No. - LX1684CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1684CD MICROSEMI-LX1684CD Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
More results

Similar Description - LX1684CD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com