Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1682CDM-TR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1682CDM-TR
Description  Voltage-Mode PWM Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM-TR Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1682CDM-TR Datasheet HTML 1Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 2Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 3Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 4Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 5Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 6Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 7Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 8Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.1b,2005-03-09
LX1681/1682
Voltage-Mode PWM Controllers
PRODUCTION DATA SHEET
TM
®
TH EORY OF O PERAT ION
GENERAL DESCRIPTION
The LX1681/82 are voltage-mode pulse-width modulation
controller integrated circuits. The internal oscillator and ramp
generator frequency is fixed at 200kHz. The devices have internal
compensation, so that no external compensation is required.
POWER UP and INITIALIZATION
At power up, the LX1681/82 monitors the supply voltage to
both the +5V and the +12V pins (there is no special requirement
for the sequence of the two supplies). Before both supplies reach
their under-voltage lock-out (UVLO) thresholds, the soft-start (SS)
pin is held low to prevent soft-start from beginning; the oscillator
control is disabled and the top MOSFET is kept OFF.
SOFT-START
Once the supplies are above the UVLO threshold, the soft-start
capacitor begins to be charged up by the reference through a 20k
internal resistor. The capacitor voltage at the SS pin rises as a
simple RC circuit. The SS pin is connected to the amplifier's non-
inverting input that controls the output voltage. The output voltage
will follow the SS pin voltage if sufficient charging current is
provided to the output capacitor. The simple RC soft-start allows
the output to rise faster at the beginning and slower at the end of
the soft-start interval. Thus, the required charging current into the
output capacitor is less at the end of the soft-start interval so
decreasing the possibility of an over-current. A comparator
monitors the SS pin voltage and indicates the end of soft-start
when SS pin voltage reaches 95% of VREF.
OVER-CURRENT PROTECTION (OCP) and HICCUP
The LX1681/1682 family uses the RDS(ON) of the upper
MOSFET, together with a resistor (RSET) to set the actual current
limit point. The comparator senses the current 1µs after the top
MOSFET is switched on. Experiments have shown that the
MOSFET drain voltage will ring for 200-500ns after the gate is
turned on. In order to reduce inaccuracies due to ringing, a 1µs
delay after gate turn-on is built into the current sense comparator.
The comparator draws a current (ISET), whose magnitude is 45µA.
The set resistor is selected to set the current limit for the
application. When the sensed voltage across the RDS(ON) plus the
set resistor exceeds the 400mV V TRIP threshold, the OCP
comparator outputs a signal to reset the PWM latch and to start
hiccup mode. The soft-start capacitor (CSS) is discharged slowly
(10 times slower than when being charged up by RSS). When the
voltage on the SS/ENABLE pin reaches a 0.3V threshold, hiccup
finishes and the circuit soft-starts again. During hiccup, the top
MOSFET is OFF and the bottom MOSFET remains ON. Hiccup is
disabled during the soft-start interval, allowing the circuit to start
up with the maximum current. If the rise speed of the output
voltage is too fast, the required charging current to the output
capacitor may be higher than the limit-current. In this case, the
peak MOSFET current is regulated to the limit-current by the
current-sense comparator. If the MOSFET current still reaches its
limit after the soft-start finishes, the hiccup is triggered again. The
hiccup ensures the average heat generation on both MOSFET’s and
the average current to be much less than that in normal operation,
if the output has a short circuit. Over-current protection can also be
implemented using a sense resistor, instead of using the RDS(ON) of
the upper MOSFET, for greater set-point accuracy. See
Application Information section.
OSCILLATOR FREQUENCY
An internal oscillator sets the switching frequency at 200 kHz.


Similar Part No. - LX1682CDM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1682CDM MICROSEMI-LX1682CDM Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results

Similar Description - LX1682CDM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com