Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1688IPW-TR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1688IPW-TR
Description  Multiple Lamp CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1688IPW-TR Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1688IPW-TR Datasheet HTML 1Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 2Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 3Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 4Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 5Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 6Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 7Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 8Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RangeMAX™
LX1688
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2001
Rev. 1.2, 2006-03-09
Multiple Lamp CCFL Controller
TM
®
ELECTRICAL CHA RACTERISTICS (CONTINUED)
LX1688
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
STRIKE AND RAMP GENERATOR (CONTINUED)
Minimum PHA_SYNC-pin output current
I_PHA_SYNC
VSLAVE = 0V
10
mA
Minimum RMP_RST-pin output current
I_RMP_RST
VSLAVE = 0V
10
mA
Minimum A_SYNC output pulse duty-cycle
DO_ASYNC
VSLAVE = 0V
49
50
%
Minimum A_SYNC input pulse duty-cycle
DI_ASYNC
VSLAVE = VDD
48
50
%
Minimum RMP_RST output pulse duty-cycle
DO_RST
VSLAVE = 0V
10
17
%
Minimum RMP_RST input pulse duty-cycle
DI_RST
VSLAVE = VDD
5
%
OUTPUT BUFFER
Output Sink Current
ISK_OUTBUF
VAOUT, BOUT = 1V
VDD = 5.5V
100
mA
Output Source Current
IS_OUTBUF
VAOUT, BOUT = 4.5V
VDD = 5.5V
100
mA
Output Sink Current
ISK_OUTBUF
VAOUT, BOUT = 1V, VDD = 3V
50
mA
Output Source Current
IS_OUTBUF
VAOUT, BOUT = 2V, VDD = 3V
50
mA
Output Sink Current
ISK_OUTBUF
VAOUT, BOUT = 1V, VDD = 5.5V
100
mA
PWM
VSNS threshold voltage
VTH_VSNS
1.2
1.25
1.3
V
VCOMP Discharge Current
ID_VCOMP
4
mA
IAMP transconductance
GM_IAMP
ΔISNS = 0.2V
100
200
500
µmho
VAMP, IAMP output source current
IS_IAMP
VCOMP, ICOMP = 0
75
µA
VAMP, IAMP output sink current
ISK_IAMP
VCOMP, ICOMP =VDD
75
µA
ICOMP discharge current
ID_ICOMP
10
mA
VAMP transconductance
GM_ICMP
ΔVSNS = 0.1V
200
500
800
µmho
ICOMP-to-output propagation delay
TD_ICOMP
1100
nS
BIAS
Voltage at Pin I_R
V_IR
0.95
1.05
V
Pin I_R max. source current
IMAX_IR
50
µA
Power-on Reset Pulse Width
TPOR
CPOR =.1uF
31
mS
Minimum VDDSW sourcing Current
IMIN_VDDSW
(VDD – VDDSW) < 0.2V
10
25
mA
VDDSW Off Current
IOFF_VDDSW
VENABLE = 0.8V, VBEPOL = VDD
VDDSW = 0V
1
15
µA
GENERAL
Operating Current
IDD
VDD = VDD_P = 5V
5.5
8
mA
Output buffer operating current
IDD_P
VOLSNS = VDD = VDD_P = 5V,
CA = CB = 1000pF
2
4
mA
ENABLE logic threshold
VTH_EN
0.8
1.7
2.4
V
ENABLE threshold hysteresis
VTH_EN
0.2
V
IDD_SLEEP
VENABLE = 0.8V
(VBEPOL = VDD or float)
20
50
Sleep-mode current (see table-1 for Pin
ENABLE polarity)
IDD_SLEEP
VENABLE = 2.5V
(VBEPOL = VDD or float)
20
50
IDD_SLEEP
VENABLE = 0.8V
(VBEPOL = VSS)
20
300
VDD_P Leakage in Sleep Mode
IDD_SLEEP
VENABLE = 2.5V
(VBEPOL = VSS)
20
300
µA
UVLO threshold
VTH_UVLO
Rising turn-on threshold
2.6
2.8
2.9
V
UVLO hysteresis
VH_UVLO
Falling turn-off hysteresis
190
mV


Similar Part No. - LX1688IPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688IPW MICROSEMI-LX1688IPW Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
More results

Similar Description - LX1688IPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688 MICROSEMI-LX1688 Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
   TM High Performance Multi-Lamp CCFL Controller
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
logo
Renesas Technology Corp
ISL6884 RENESAS-ISL6884 Datasheet
557Kb / 13P
   CCFL Brightness Controller
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
logo
Vishay Siliconix
CCFL VISHAY-CCFL Datasheet
124Kb / 5P
   Inverter for CCFL Lamp
Revision 01-Oct-02
logo
Asahi Kasei Microsystem...
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Microsemi Corporation
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
   High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
   High Performance CCFL controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com