Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1688IPW-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1688IPW-TR
Description  Multiple Lamp CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1688IPW-TR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1688IPW-TR Datasheet HTML 4Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 5Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 6Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 7Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 8Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 9Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 10Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 11Page - Microsemi Corporation LX1688IPW-TR Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RangeMAX™
LX1688
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2001
Rev. 1.2, 2006-03-09
Multiple Lamp CCFL Controller
TM
®
DE TAILED DESCRIP T ION
and may or may not be externally synchronized to the LCD
video frame rate. It will directly gate the signal BRT.
CPWM should not be used in this case.
FAULT PIN
The fault pin is a digital output that indicates that the
maximum numbers of strike attempts has occurred without
lamp ignition. In this condition the FAULT pin will go
active high with typically 20mA drive capability. Holding
the OLSNS pin low (<200mV) will also force timeout and
activate the FAULT pin. When used as a master, fault
condition true does not inhibit master clock outputs
PHA_SYNC and RMP_RST.
I_R PIN
The run mode frequency of the output is one half the
internal ramp frequency, which is proportional to a bias
current set by resistor RI of 80.6K. The output frequency
can thus be adjusted by varying the value of RI-R, the
typical range from about 50K to 100K. Since there is some
variation in the frequency due to change in the input supply
(VDD) it is recommended that the value of RI-R be selected
at the nominal input voltage.
SLEEP MODE (ENABLE SIGNAL) AND SWITCHED VDD
(VDDSW)
Since the LX1688 can be used in portable battery
operated systems, a very low power sleep mode is included.
The IC will consume less than 10µA quiescent current from
both the VDD and VDD_P pins combined, when the
ENABLE pin is deactivated. The polarity of the ENABLE
pin is programmable by the BEPOL input (see table 1). In
addition the controller provides a switched supply pin
VDDSW this output supplies at least 10mA at VDD ─ .2V
for external circuitry. This output can be used to power
additional circuitry that can be enabled with the controller.
RMP_RST AND PHA_SYNC PIN TIMING REQUIREMENT
WITH
SLAVE MODE OPERATION
When the LX1688 is configured for slave mode
operation, and RMP_RST and PHA_SYNC is supplied
from an external source, the signal timing should be met as
outlined below.
RMP_RST should be 2 times frequency of lamp
frequency and duty should be 10 to 13%, and PHA_SYNC
should be generated by divide by 2 of RMP_RST signal.
Phase of these signals should be met the as shown, note the
delay between the RMP_RST and PHA_SYNC signals:
Min
Typ
Max
Unit
T1
150
250
nsec
T2
10
13
%
T3
49
50
51
%
Tr, Tf
100
nsec
T3 duty is 50% of operating frequency.
T2
T1
T3
BIAS & TIM I NG EQUATIONS
Formula 1:
Triangular Wave Generator Frequency, FTRI
[Hz]
)
25
(
1
FTRI
TRI
I
C
R
×
×
=
Formula 2:
Lamp Frequency (AOUT’s switching frequency), FLAMP
[Hz]
12
200
1
FLAMP
I
R
e-
×
=
Formula 3:
Minimum Current Error Amp Bandwidth, BWIEA_MIN
[Hz]
000048
.
0
BWIEA_MIN
ICOMP
C
=
Formula 4:
Minimum Voltage Error Amp Bandwidth, BWVEA_MIN
[Hz]
000048
0
BWVEA_MIN
VCOMP
C
.
=
Formula 5:
Softstart time, TSS
[sec]
TSS
VCOMP
C
,
,
×
=
000
500
4
Formula 6:
Minimum Power-on Reset Pulse Width, TMIN_POR
[sec]
6
3
.
2
TMIN_POR
POR
C
e
×
=


Similar Part No. - LX1688IPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688IPW MICROSEMI-LX1688IPW Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
More results

Similar Description - LX1688IPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688 MICROSEMI-LX1688 Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
   TM High Performance Multi-Lamp CCFL Controller
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
logo
Renesas Technology Corp
ISL6884 RENESAS-ISL6884 Datasheet
557Kb / 13P
   CCFL Brightness Controller
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
logo
Vishay Siliconix
CCFL VISHAY-CCFL Datasheet
124Kb / 5P
   Inverter for CCFL Lamp
Revision 01-Oct-02
logo
Asahi Kasei Microsystem...
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Microsemi Corporation
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
   High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
   High Performance CCFL controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com