Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1701 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1701
Description  2W Filterless Mono Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1701 Datasheet HTML 4Page - Microsemi Corporation LX1701 Datasheet HTML 5Page - Microsemi Corporation LX1701 Datasheet HTML 6Page - Microsemi Corporation LX1701 Datasheet HTML 7Page - Microsemi Corporation LX1701 Datasheet HTML 8Page - Microsemi Corporation LX1701 Datasheet HTML 9Page - Microsemi Corporation LX1701 Datasheet HTML 10Page - Microsemi Corporation LX1701 Datasheet HTML 11Page - Microsemi Corporation LX1701 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 8
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0b, 2005-04-29
TM
®
EVALUATION M O DUL E TE ST S ET-U P
Power Supply
Audio
Precision
System
One
LX1701
C1
C2
C3
On-Board
Resistor
Load
2nd Order
RC LPF
2nd Order
RC LPF
Audio
Precision
System
One
Output -
Output +
IN -
IN +
INPUT +
GND
INPUT -
VBAT
GND
+
-
TP+
OUT+
OUT -
TP -
LX1701 Eval Kit
Figure 3
– Typical Test Setup Circuit
Default Settings:
Equipments: Audio Precision SYSTEM 1,
Oscilloscope,
Power Supply ~+5V;
Supply Voltage: 1.8V/3.3V/5.0V 3 corner voltages
On-Board passive LPF: 40KHz cut off frequency (-3dB)
On-Board resistor load: 2/4/8 Ω, 5W
AP settings: 10Hz ~ 22KHz BPF


Similar Part No. - LX1701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
   Filterless 30W Class D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com