Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1721CDBTR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1721CDBTR
Description  Class-D Stereo Power Amplifier Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721CDBTR Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1721CDBTR Datasheet HTML 1Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 2Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 3Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 4Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 5Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 6Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 7Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 8Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
ELECTRICAL CHA RACTERISTICS (CONTINUED)
LX1721 / 1722
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Current Limit Comparator
Voltage Sense Threshold
190
210
230
mV
Blanking Pulse Delay
500
ns
Response Time
Excluding blanking pulse
250
ns
IUM Pulses required to Current Limit
Latch
4
4
4
cycles
Consecutive Clear Pulses required to
reset IUM counter
2
2
2
cycles
Reference Voltage Section
Initial Accuracy
(VREF)
5.0
Voltage Stability
(VREF)
± 50
± 100
mV
Initial Accuracy
(V25)
2.5
Voltage Stability
(V25)
± 25
± 50
mV
Temperature Stability
TA = 0
OC to 70OC
2
5
mV
Line Regulation
VDD = 9V to 15V
0.5
mV
Load Regulation
IOUT = 0 to 10mA
5
mV
Under Voltage Lockout Section
Start Threshold Voltage
6
V
UV Lockout Hysteresis
250
mV
UVLO Delay To Output Enable
62,500
clkcyc
Supply Current
Sleep Current
SLEEP Input = 0V, TA = 25
OC
30
µA
Operating Current
SLEEP Input = 2V, VIN = 15V,
No MOSFETs connected
8
11
mA
Sleep to Output Enable
62,500
clkcyc
Sleep Threshold
1.45
1.6
1.75
V
Mute Section
Mute Threshold
1.2
1.35
1.5
V
Output Drivers For N-Channel MOSFETs
ISINK = 3mA
30
100
mV
NFET Drivers, Low Level Voltage
VOL
ISINK = 100mA
0.3
1.0
V
ISOURCE = 3mA, CN = 5.2V
applied externally
30
100
mV
NFET Drivers, High Level Voltage
VOH
ISOURCE = 100mA, CN = 5.2V
applied externally
0.3
1.0
V
Output Drives For P-Channel MOSFETs
ISINK = 3mA
30
100
mV
PFET Drivers, Low Level Voltage
VOL
ISINK = 100mA
0.5
1.0
V
ISOURCE = 3mA, CP = 5.2V
(applied externally)
30
100
mV
PFET Drivers, High Level Voltage
VOH
ISOURCE = 100mA, CP = 5.2V
(applied externally)
0.5
1.0
V
Note 2: The LX1721 / 22CDB is guaranteed to meet performance specifications from 0° to 70°C. Specifications over the -20° to 0°C operation temperature
range are assured by design, characterization, and statistical process control.


Similar Part No. - LX1721CDBTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results

Similar Description - LX1721CDBTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
   SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
   Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com