Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1741CLM-TR Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1741CLM-TR
Description  High Efficiency High Voltage Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1741CLM-TR Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1741CLM-TR Datasheet HTML 7Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 8Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 9Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 10Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 11Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 12Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 13Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 14Page - Microsemi Corporation LX1741CLM-TR Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1741
High Efficiency High Voltage Boost Controller
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
EVALUATI ON BOA RD ( C ONTI N UED)
VBAT
GND
VCC
SHDN
VADJ
VOUT
GND
C5
4.7µF
25V
C1
1000pF
50V
C4
4.7µF
25V
C2
0.1µF
50V
C3
2.2µF
16V
R7
10K
R8
4.02K
R3
619K
R4
100K
R2
49.9K
R1
698K
R5
1K
R6
1K
JB1
V
CC
JB2
REF
ADJ
JB4
VLIM
Q2
MMBT3904LT1
CR1
UPS5819
LX1741
Q1
FDV303N
VR1
24V
225mW
BZX84C24LT1
L1
47µH
X
X
Figure 8
– LX1741 Boost Evaluation Board Schematic
CHARACT ER I S TI C CURVES
Channel 1
Channel 2
Figure 9 –
VOUT and Inductor Current Waveforms
Channel 1: VOUT (AC coupled; 100mV/div)
Channel 2: Inductor Current (100mA/div.)
Configuration: VIN = 1.6V, VOUT = 5.0V, IOUT = 20.0mA
0
5
10
15
20
25
30
0.1 0.2 0.3
0.4 0.5 0.6
0.7 0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Adj ustment Voltage
F
igure 10 –
Typical VOUT versus VADJ
0 ~ 0.6V : LX1741 uses internal 1.29V reference.
0.7V ~ 0.8V : transition from internal to external reference.
0.9 to 1.6V : LX1741 defaults to external voltage reference.


Similar Part No. - LX1741CLM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741CLM MICROSEMI-LX1741CLM Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
More results

Similar Description - LX1741CLM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
   High Efficiency Boost Controller
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com