Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1970 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1970
Description  Visible Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1970 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1970_08 Datasheet HTML 1Page - Microsemi Corporation LX1970_08 Datasheet HTML 2Page - Microsemi Corporation LX1970_08 Datasheet HTML 3Page - Microsemi Corporation LX1970_08 Datasheet HTML 4Page - Microsemi Corporation LX1970_08 Datasheet HTML 5Page - Microsemi Corporation LX1970_08 Datasheet HTML 6Page - Microsemi Corporation LX1970_08 Datasheet HTML 7Page - Microsemi Corporation LX1970_08 Datasheet HTML 8Page - Microsemi Corporation LX1970_08 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2007
Rev. 1.5b, 2008-01-25
LX1970
Visible Light Sensor
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLICATION INFORMATION
The LX1970 is a light sensor with a spectral response
that resembles the human visual system. It is packaged in
clear MSOP package. Microsemi also offers the LX1971
with the same pin out and similar supply voltage range as
LX1970 light sensor.
The LX1971 responsiveness
however differs from that of the LX1970. In general the
LX1971 has lower sensitivity and a wider dynamic range.
The LX1970 has a responsiveness that is directly
proportional to the intensity of light falling on the photo
receptors. Although the gain varies depending on the
wavelength of the light and the direction of light, in general
for a 555nm wavelength (yellow-green), the sensitivity is:
A
L
I
OUT
µ
76
.
0
×
=
for L < 1200 lux
The LX1970 is best suited for applications where the
light sensor is an integral part of a continuous lighting
control system. For example, in an LCD backlighting
application, the level of brightness of the backlight should
be adjusted in proportion to the level of ambient lighting;
the LX1970 can provide closed loop brightness control for
this type of system. For most indoor applications, the 1200
lux saturation point of the LX1970 is usually not a limiting
affect.
The LX1971 is best suited for applications where the
system must respond to external events that affect the
user’s ability to see clearly. For example, a sensor to turn
on headlights or a sensor to adjust the reflectivity of a rear
view mirrors. These systems require the sensor to have
dynamic range similar to sight. Like the human eye, the
square root function of the LX1971 makes it extra sensitive
to small changes at lower light levels. The wide dynamic
range allows the LX1971 to sense the difference between
twilight and daylight or sunshine and heavy cloud cover.
The first curve shows the calculated responsiveness of
the LX1970 without load resistors based on the formula
above. It can be used as baseline guidelines to calculate
gain setting resistors. The compliance of the current source
output may result in premature saturation of the output
when load resistors are added.
The SRC compliance
voltage is specified typically at VDD-350mV @ about 100
lux. The second curve shows saturation of the output with
VIN = 5V and a 10K resistor SRC to ground, above about
300uA the output becomes non-linear as it begins to
saturate.
LX1970 Calculated SRC Full Range Response
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
1200
Light (lux)
LX1970 SRC Actual SRC with 10K Resistor
0
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1000
1200
Light (lux)


Similar Part No. - LX1970_08

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1970IDU MICROSEMI-LX1970IDU Datasheet
438Kb / 10P
   Visible Light Sensor
LX1970MINI MICROSEMI-LX1970MINI Datasheet
54Kb / 1P
   LX1970 Light Sensor
More results

Similar Description - LX1970_08

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
   Visible Light Sensor
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
   Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
   Visible Light Sensor
KVS-1001 KODENSHI-KVS-1001 Datasheet
46Kb / 2P
   Visible Light Sensor
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
LX1971 MICROSEMI-LX1971 Datasheet
345Kb / 9P
   Wide Range Visible Light Sensor
LX1971 MICROSEMI-LX1971_05 Datasheet
339Kb / 9P
   Wide Range Visible Light Sensor
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
   Visible Light Detector
logo
KODENSHI_AUK CORP.
ST341R2 KODENSHI-ST341R2 Datasheet
146Kb / 2P
   Visible light cut
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com