Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1882-00CDU Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1882-00CDU
Description  Charge Pump Doubler with Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-00CDU Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1882-00CDU Datasheet HTML 1Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 2Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 3Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 4Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 5Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 6Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 7Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 8Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.0e, 2005-03-03
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXI MUM RATI NGS
VIN to GND .................................................................................................... -0.3V to 5V
VOUT Voltage.................................................................................................. -0.3V to 6V
CPO to Ground........................................................................................................... 10V
SHDN , FILT, FB Voltage to Ground........................................... -0.3V to (VIN + 0.3V)
VOUT Short –Circuit Duration.............................................................................Indefinite
IOUT.......................................................................................................................... 90mA
Operating Temperature Range
Commercial....................................................................................................0°C to 70°C
Storage Temperature ................................................................................ -65°C to 150°C
Maximum Junction Temperature ............................................................................125°C
Pb-free / RoHS Peak package Solder Reflow Temp. (40 second max. exposure)........260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERM A L DATA
DM
Plastic 8-Pin SOIC
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
163°C/W
THERMAL RESISTANCE-JUNCTION TO CASE,
θJC
38°C/W
DU
Plastic 8-Pin MSOP
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
206°C/W
THERMAL RESISTANCE-JUNCTION TO CASE,
θJC
39°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PI N OUT
V
OUT
SHDN
FB
GND
C+
V
IN
C-
CPO
1
2
3
4
5
6
7
8
_______
DM PACKAGE
(Top View)
CPO
C-
FB
V
IN
V
OUT
GND
SHDN
1
2
3
4
5
6
7
8
______
C+
DU PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
PIN NAME
PIN #
DESCRIPTION
VOUT
1
Regulated Output Voltage. It is recommended to bypass VOUT with a low ESR capacitor (> 2µF) placed as close
to the pin as possible for best performance. For the adjustable version, the output voltage range is 2.5V to 5.5V.
SHDN
2
Shutdown Pin. The LX1882 is in shutdown mode when a logic low is applied to this pin. Inversely, a logic high
applied to this pin enables the device. When in shutdown mode, the charge pump output is disconnected from VIN
(CPO will be high impedance) and VOUT is connected to ground through an internal 100Ω switch.
FB
3
Adjustable Version Only. The output voltage can be set by two resistors with the following relationship: VOUT =
FB * (1+ (R1/R2)) where R1 is the resistor connected between VOUT and FB, and R2 is the resistor connected
between FB and GND (see figure 3 on page 6).
FILT
3
Fixed Version Only. Filter pin for internal voltage reference. Typically a 1nF capacitor is connected from FILT to
GND.
GND
4
System Ground.
C-
5
Flying Capacitor Negative Input.
VIN
6
Input Voltage. The input voltage range is 1.8V to 4.4V for the LX1882-00 and 2V to 4.4V for the LX1882-33.
VIN should be bypassed with a > 2µF low ESR capacitor placed as close to the pin as possible for best
performance. A minimum capacitance value of 0.1µF is required.
C+
7
Flying Capacitor Positive Input.
CPO
8
Charge Pump Output Voltage. CPO is approximately 1.95(VIN) at low loads. CPO should be bypassed with a low
ESR capacitor (>2µF).


Similar Part No. - LX1882-00CDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882-00CDU MICROSEMI-LX1882-00CDU Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
More results

Similar Description - LX1882-00CDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
logo
Semtech Corporation
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
   High Efficency Charge Pump Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com