Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1882-33CDU-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1882-33CDU-TR
Description  Charge Pump Doubler with Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-33CDU-TR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1882-33CDU-TR Datasheet HTML 4Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 5Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 6Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 7Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 8Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 9Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 10Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 11Page - Microsemi Corporation LX1882-33CDU-TR Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 1.0e, 2005-03-03
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
EVALUATI ON BOA RD
Figure 4. LX1882 LED Driver Evaluation Board (Top View)
Figure 5. LX1882 LED Driver Evaluation Board (Bottom View)
Table 1: Input and Output Pin Assignments
Pin Name
Description
VIN
Input Voltage Test Point. Use this pin to monitor the input voltage.
VOUT
Output Voltage Test Point. Use this pin to monitor output voltage. Output Voltage is determined using the following
equation: VOUT = VFB [1 + (R1/R2)] – VSET (R1/R2); where VSET = ILED (R3) and VFB = 1.175V (see Figure 6).
FB
Feedback Pin Test Point. Use this pin to monitor feedback voltage. Min = 1.150V, Typical = 1.175V, Max = 1.20V.
CPO
Charge Pump Output Test Point. Use this pin to monitor the charge pump output or connect an external load to this
pin for the charge pump to drive. Note: Maximum output current available is reduced by the amount of current
drawn from the CPO pin.
SHDN
Shutdown Test Point. Use this pin to monitor operating status of device. Logic HIGH = enabled; Logic LOW =
shutdown mode (see Table 2 below).
GND
System Ground Test Points.
External VCC
External DC Input Voltage. Apply a 1.8V to 4.4V input to this pin when switch “VCC” is set to “EXT”. . Clip the
positive lead of the external power supply to the pin of the 2-pin header labeled “External VCC +”. Clip the negative
lead of the external power supply to the pin of the 2-pin header labeled “External VCC –“.
Table 2: Switch Position Assignments
Switch Name
Functional Description
VCC EXT
Use this position when powering the board from an external power supply.
VCC BAT
Use this position when powering the board using “AA” batteries. Three “AA” batteries can be installed
via battery clips located on the back of the board.
SHDN ENABLE
Use this position to enable the LX1882.
SHDN DISABLE
Use this position to disable the LX1882.


Similar Part No. - LX1882-33CDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882-33CDU MICROSEMI-LX1882-33CDU Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
More results

Similar Description - LX1882-33CDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
logo
Semtech Corporation
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
   High Efficency Charge Pump Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com