Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2202 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX2202
Description  TM 2A Li-Ion Linear Charger and Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2202 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX2202_06 Datasheet HTML 1Page - Microsemi Corporation LX2202_06 Datasheet HTML 2Page - Microsemi Corporation LX2202_06 Datasheet HTML 3Page - Microsemi Corporation LX2202_06 Datasheet HTML 4Page - Microsemi Corporation LX2202_06 Datasheet HTML 5Page - Microsemi Corporation LX2202_06 Datasheet HTML 6Page - Microsemi Corporation LX2202_06 Datasheet HTML 7Page - Microsemi Corporation LX2202_06 Datasheet HTML 8Page - Microsemi Corporation LX2202_06 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LX2202
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.0a, 2006-02-09
2A Li-Ion Linear Charger and Power Control
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VUSB or VDD ) ..........................................................-0.3V to 7V
Analog Input Signals (VIDx, VM, SNS) .............................................-0.3V to 7V
Battery Charging Current (IBAT).........................................................................2A
Discharge Current (IVDD)....................................................................................3A
Operating Junction Temperature.................................................................. 150
°C
Storage Temperature Range...........................................................-65
°C to 150°C
USB Maximum DC Current .......................................................................500mA
USB Maximum Surge Current...........................................................................2A
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 second maximum exposure) ...................................................... 260°C(+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
LQ Plastic Micro Lead Frame Quad Package 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
40
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
VDD
VDD
VDD
VDD
USB
CMP
BAT
BAT
BAT
NU
1
6
11
16
2
3
4
5
78
9
10
12
13
14
15
17
18
19
20
Pad Is GND
LQ PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
BAT
Charging Output - This pin is wired to the positive terminal of the battery. (The negative battery terminal is wired to GND.)
CCP
Charge Current Programming Pin - A resistor (RCP) is connected between this pin and GND. The constant current is
determined by the following relationship:
CCP
)
MAX
(
BAT
R
73200
I
=
CMP
Compensation Pin – Connect a 0.1µF compensation capacitor from this pin to VDD.
CTP
Charge Termination Programming Pin – A resistor (RTP) is connected between this pin and GND. The termination charge
current is determined by the following relationship:
CTP
)
MIN
(
BAT
R
5250
I
=
CUS
Maximum USB Current Programming Pin – A resistor (RUS) is connected between this pin and GND. The Hi Level charge
current is determined by the following relationship:
USB
)
HIGH
(
USB
R
1211
I
=
GND
Common Ground
NU
This pin is floating and will not affect performance.
PSW
PMOS Switch driver – This output is designed to drive the gate of an external PMOS power switch. The driver is pulled low
(PMOS on state) when VDD > VBAT.
VDD
Common Power Node – Connects to system power bus.
VIDx
State Select Input – Applying a two bit TTL compatible signal sets the desired state of the charger corresponding to the Truth
Table.
USB
Voltage Input – Current limited USB input. Apply a USB compliant power input.
VM
Voltage Mode Select - Selects the constant voltage charge level. Wired to USB for 4.1V and GND for 4.2V.
STAT
Status - This pin is a logic high level when the battery is being charged. A low signal indicates either under voltage lockout,
charge completed, or VBAT > VDD, or VID0 = VID1 = 0.


Similar Part No. - LX2202_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2202_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
   Linear Li-ion battery charger
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com