Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1995-1CSE Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1995-1CSE
Description  Miniature LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-1CSE Datasheet(HTML) 8 Page - Microsemi Corporation

  LX1995-1CSE Datasheet HTML 1Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 2Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 3Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 4Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 5Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 6Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 7Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 8Page - Microsemi Corporation LX1995-1CSE Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LX1995
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Miniature LED Driver
Copyright
© 2000
Rev. 1.1, 2005-07-07
TM
®
PACKAGE DI MENSI ONS
SG
5-Pin Thin Shrink Small Outline Package (TSOT)
e1
e
E
b
E1
D
A2
A
A1
C
L2
L
1
2
3
45
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
-
1.00
-
0.039
A1
0.01
0.10
0.0004
0.004
A2
0.84
0.90
0.033
0.035
b
0.30
0.45
0.012
0.018
C
0.12
0.20
0.005
0.008
D
2.90 BSC
0.114 BSC
E
2.80 BSC
0.110 BSC
E1
1.60 BSC
0.063 BSC
e
0.95 BSC
0.037 BSC
L
0.30
0.40
0.012
0.016
L2
0.25 BSC
0.010 BSC
SE
5-Pin Small Outline Package (SOT-23)
H
G
F
E
A1
J
I
C
K
A
B
D
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX
Note: Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall
not include solder coverage.


Similar Part No. - LX1995-1CSE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995-1CSE MICROSEMI-LX1995-1CSE Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
More results

Similar Description - LX1995-1CSE

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995 Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766 Datasheet
127Kb / 2P
   Miniature LED
L5766 HAMAMATSU-L5766_15 Datasheet
106Kb / 2P
   Miniature LED
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
OPTEK Technologies
OPR5200 OPTEK-OPR5200 Datasheet
121Kb / 1P
   MINIATURE SURFACE MOUNT LED
logo
Nihon Kaiheiki Industry...
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com