Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2202CLQ-TR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX2202CLQ-TR
Description  TM 2A Li-Ion Linear Charger and Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2202CLQ-TR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX2202CLQ-TR Datasheet HTML 2Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 3Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 4Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 5Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 6Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 7Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 8Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 9Page - Microsemi Corporation LX2202CLQ-TR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LX2202
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2004
Rev. 1.0a, 2006-02-09
2A Li-Ion Linear Charger and Power Control
TM
®
APPLICATION SCHEMATICS
AC/DC Adapter
USB POWER
USB Lo / Hi
To System
Power Bus
105k
2.55k
72.3k
2.49k
Charge
Indicator
VDD
USB
VDD
BAT
NU
BAT
CMP
VDD
VDD
BAT
B220
1N4148
1N5817
IRLMS6802
10µF
0.1µF
10µF
LX2202
State Select Truth Table
VID0
VID1
VDD > VBAT
VBAT > VDD
0
0
Switch open – charging
disabled.
Switch open – discharge
disabled.
0
1
Charging – USB high level if
using USB.
Switch open – discharge
disabled.
1
0
Charging – USB low level if
using USB.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
1
1
Charging – USB high level if
using USB.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
Figure 3 – AC Adapter and USB Supply (Charge and Discharge Modes)
(1N4148 and IRLMS6802 are optional to lower USB voltage drop.)


Similar Part No. - LX2202CLQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2202CLQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
   Linear Li-ion battery charger
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com