Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1995-1CSG-TR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1995-1CSG-TR
Description  Miniature LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-1CSG-TR Datasheet(HTML) 6 Page - Microsemi Corporation

  LX1995-1CSG-TR Datasheet HTML 1Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 2Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 3Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 4Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 5Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 6Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 7Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 8Page - Microsemi Corporation LX1995-1CSG-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LX1995
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Miniature LED Driver
Copyright
© 2000
Rev. 1.1, 2005-07-07
TM
®
TH EORY OF O PERAT ION
OPERATING THEORY
The LX1995-x is a PFM boost converter optimized for
driving a series of white or color LEDs. It operates in a
pseudo-hysteretic mode with a fixed, 300ns, switch “off
time”.
When the LX1995-x enables, the
LED current
decreases causing the FB voltage to decrease to a value less
than 320mV. The feedback comparator (See Simplified
Block Diagram) activates the control logic.
The control
logic turns on the DRV output circuit that connects to the
internal N-Channel MOSFET gate.
The switch output
(SW) is switched “on” and remains “on” until the inductor
current ramps up to the peak current level (typically 325mA
for LX1995-1).
The LED load is powered from energy stored in the
output capacitor during the inductor charging cycle. Once
the peak inductor current value is achieved, the output is
turned off and the energy stored in the inductor delivers to
the load. This causes the voltage to rise across the current
setting resistor (R1) at the input to the feedback circuit. The
LX1995-x continues to switch until the voltage at the FB
pin exceeds 320mV.
The value of R1 is calculated by
dividing 320mV by the maximum series LED current. A
minimum value of 3.3
Ω is recommended for RSET. The
voltage at the FB pin is the product of the LED current
(ILED) and R1.
)
MAX
(
LED
1
I
mV
320
R
=
eq. 1
DIMMING METHODS
LX1995-x supports two dimming methods: PWM or DC
Voltage.
PWM mode: Connect system PWM logic signal to the
SHDN pin (See Figure 1). This turns the LX1995-X on and
off which pulses the LED current between zero and the
setting determined by R1.
DC Voltage mode: The designer can apply an adjustable
DC voltage supply to the FB pin.
As the DC voltage
increases, the LED current decreases. The equation (see
Figure 3) is:
⎟⎟
⎜⎜
⎟⎟
⎜⎜
+
=
3
2
ADJ
3
3
2
1
LED
R
R
V
R
R
R
mV
320
R
1
I
eq. 2
INDUCTOR SELECTION AND OUTPUT CURRENT LIMIT
PROGRAMMING
Microsemi recommends the use inductors (for the
LX1995-1) in the range of 10µH to 47µH due to saturation
of peak inductor current.
By increasing the average
inductor current, the LX1995-x will extend the power
range. Smaller inductor values will reduce output voltage
ripple and are smaller in size.
OUTPUT RIPPLE AND CAPACITOR SELECTION
Output voltage ripple is depended on the selection of the
inductor value (L), output capacitor value (COUT), peak
switch current (IPEAK), load current (IOUT), input voltage
(VIN) and the output voltage (VOUT). The peak-to-peak
voltage ripple is a function of the output droop (as the
inductor current charges to IPEAK), the feedback transition
error (i.e., typically 10mV), and the output overshoot
(energy stored in the inductor). When the switch is first
turn on, the total ripple voltage is:
10mV
V
V
V
OVERSHOOT
DROOP
RIPPLE
+
+
=
eq. 3
The initial droop can be estimated with the assumption
of 0.5V of voltage drop across the inductor and FET
RDSON.
()
5
.
0
V
I
I
C
L
V
IN
LED
PK
OUT
DROOP
×
⎟⎟
⎜⎜
=
eq. 4
The output overshoot calculated with 0.5V as voltage
drop across the diode.
()
5
.
0
V
V
I
I
C
L
2
1
V
IN
OUT
2
LED
PK
OUT
OVERSHOOT
+
⎟⎟
⎜⎜
=
eq. 5
Once the output voltage ripple is determined for the
selected components, the output capacitor can then be
adjusted to meet the target ripple voltage requirements.
The LX1995-x is targeted for LED driver applications;
output
voltage
ripple
is
not
a
critical
application
requirement.


Similar Part No. - LX1995-1CSG-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995-1CSG MICROSEMI-LX1995-1CSG Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
More results

Similar Description - LX1995-1CSG-TR

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995 Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766 Datasheet
127Kb / 2P
   Miniature LED
L5766 HAMAMATSU-L5766_15 Datasheet
106Kb / 2P
   Miniature LED
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
OPTEK Technologies
OPR5200 OPTEK-OPR5200 Datasheet
121Kb / 1P
   MINIATURE SURFACE MOUNT LED
logo
Nihon Kaiheiki Industry...
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com