Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5503 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5503
Description  InGaP HBT 5-6GHz Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5503 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5503 Datasheet HTML 1Page - Microsemi Corporation LX5503 Datasheet HTML 2Page - Microsemi Corporation LX5503 Datasheet HTML 3Page - Microsemi Corporation LX5503 Datasheet HTML 4Page - Microsemi Corporation LX5503 Datasheet HTML 5Page - Microsemi Corporation LX5503 Datasheet HTML 6Page - Microsemi Corporation LX5503 Datasheet HTML 7Page - Microsemi Corporation LX5503 Datasheet HTML 8Page - Microsemi Corporation LX5503 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LX5503
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
InGaP HBT 5-6GHz Power Amplifier
Copyright
© 2000
Rev. 1.2d, 8/18/2005
TM
®
CHARTS
Typical Power Sweep Data at Room Temperature
(Vc=3.3V, Vref=2.86V, Icq=100mA)
-22 -20 -18 -16 -14 -12 -10
-8
-6
-4
-2
0
2
4
6
Pin (dBm)
-5
0
5
10
15
20
25
30
Pout
Gain
Freq.=5.15GHz
-22-20 -18-16 -14-12 -10
-8
-6
-4
-2
0
2
4
6
Pin (dBm)
-5
0
5
10
15
20
25
30
Pout
Gain
Freq.=5.25GHz
-22 -20 -18 -16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12
Pin (dBm)
-5
0
5
10
15
20
25
30
Pout
Gain
Freq.=5.85GHz


Similar Part No. - LX5503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503-LQ MICROSEMI-LX5503-LQ Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5503ELQ MICROSEMI-LX5503ELQ Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
More results

Similar Description - LX5503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
   InGaP HBT 4.5 ??6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
   InGaP HBT 4 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
   InGaP HBT 4.5 - 6GHz Power Amplifier
LX5506 MICROSEMI-LX5506 Datasheet
506Kb / 10P
   InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
   0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com