Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5512B Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX5512B
Description  InGaP HBT 2.4 ??2.5 GHz Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5512B Datasheet(HTML) 6 Page - Microsemi Corporation

  LX5512B_05 Datasheet HTML 1Page - Microsemi Corporation LX5512B_05 Datasheet HTML 2Page - Microsemi Corporation LX5512B_05 Datasheet HTML 3Page - Microsemi Corporation LX5512B_05 Datasheet HTML 4Page - Microsemi Corporation LX5512B_05 Datasheet HTML 5Page - Microsemi Corporation LX5512B_05 Datasheet HTML 6Page - Microsemi Corporation LX5512B_05 Datasheet HTML 7Page - Microsemi Corporation LX5512B_05 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LX5512B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2004
Rev. 1.0b, 2005-08-18
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
TM
®
PACKAGE DIMENSIONS
LQ
16-Pin MLPQ 3x3
e
D
E
b
E2
D2
A
A3
A1
L
K
Pin 1 Indicator
or
or
Or
e
D
E
b
E2
A
A1
L
K
D2
L1
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0
0.05
0
0.002
A3
0.20 REF
0.008 REF
b
0.18
0.30
0.007
0.012
D
3.00 BSC
0.118 BSC
E
3.00 BSC
0.118 BSC
e
0.50 BSC
0.020 BSC
D2
1.30
1.55
0.051
0.061
E2
1.30
1.55
0.051
0.061
K
0.2
-
0.008
-
L
0.35
0.50
0.012
0.020
L1
-
0.15
-
0.006
Note:
1.
Dimensions
do
not
include
mold
flash
or
protrusions; these shall not exceed 0.155mm(.006”)
on any side.
Lead dimension shall not include
solder coverage.
2.
Due to multiple qualified assembly sub-contractors
either package (with different pin one indicators)
may be shipped. Package type will be consistent
within the smallest individual container.


Similar Part No. - LX5512B_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5512BLQ MICROSEMI-LX5512BLQ Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results

Similar Description - LX5512B_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com