Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5512BLQ Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX5512BLQ
Description  InGaP HBT 2.4 ??2.5 GHz Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5512BLQ Datasheet(HTML) 7 Page - Microsemi Corporation

  LX5512BLQ Datasheet HTML 1Page - Microsemi Corporation LX5512BLQ Datasheet HTML 2Page - Microsemi Corporation LX5512BLQ Datasheet HTML 3Page - Microsemi Corporation LX5512BLQ Datasheet HTML 4Page - Microsemi Corporation LX5512BLQ Datasheet HTML 5Page - Microsemi Corporation LX5512BLQ Datasheet HTML 6Page - Microsemi Corporation LX5512BLQ Datasheet HTML 7Page - Microsemi Corporation LX5512BLQ Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LX5512B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2004
Rev. 1.0b, 2005-08-18
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
TM
®
TA PE AND REEL
Tape And Reel Specification
4.00mm
1.75mm
5.5 ± 0.05mm
3.30mm
Ø 1.50mm
Ø 1.50mm
12.00 ± 0.3mm
1.10mm
0.30mm
Part Orientation
Top View
Side View
3.30mm
8.00mm
10.6mm
Ø 13mm +1.5 -0.2
Ø 330mm ±0.5
Ø 97mm ±1.0
2.2mm
13mm +1.5


Similar Part No. - LX5512BLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5512BLQ MICROSEMI-LX5512BLQ Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results

Similar Description - LX5512BLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com