Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8384-XXCDT Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8384-XXCDT
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384-XXCDT Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8384-XXCDT Datasheet HTML 1Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 2Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
ELECTRICAL CHA RACTERISTICS (CONTINUED)
Unless otherwise specified, the following specifications apply over the operating ambient temperature for the LX8384x-xxC with
0
°C
T
A 125°C and the LX8384-xxI with -25°C TA 125°C except where otherwise noted. Test conditions: VIN -VOUT = 3V;
IOUT = 5A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
LX8384x-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8384-15 / 8384A-15 / 8384B-15 (1.5V FIXED)(CONTINUED)
Maximum Output Current
IOUT(MAX)
VIN < 7V
5
6
A
Temperature Stability (Note 3)
ΔVOUT(T)
0.25
%
Long Term Stability (Note 3)
ΔVOUT (t)
TA=125°C, 1000 hours
0.3
1
%
RMS Output Noise (% of VOUT)
(Note 3)
VOUT (RMS)
TA=25°C, 10Hz < f < 10kHz
0.003
%
LX8384-33 / 8384A-33 / 8384B-33 (3.3V FIXED)
VIN=5V, IOUT=0mA, TA=25°C
3.267
3.30
3.333
V
4.75V < VIN < 10V, 0mA < IOUT < 5A, P < PMAX
3.235
3.30
3.365
V
VIN=5V, IOUT=0mA, TA=25°C
3.274
3.30
3.326
V
Output Voltage
LX8384/84A-33
(Note 4)
LX8384B-33
VOUT
4.75V < VIN < 10V, 0mA < IOUT < 5A, P < PMAX
3.267
3.30
3.333
V
4.75V < VIN < 7V
1
6
mV
Line Regulation (Note 2)
ΔVOUT(VIN)
4.75V < VIN < 10V
2
10
mV
Load Regulation (Note 2)
ΔVOUT
(IOUT)
VIN=5V, 0mA < IOUT < IOUT(MAX)
5
15
mV
Thermal Regulation
ΔVOUT
(Pwr)
TA=25°C, 20ms pulse
0.01
0.02
% / W
Ripple Rejection (Note 3)
COUT=100µF (Tantalum), IOUT=5A
60
83
dB
Quiescent Current
IQ
0mA < IOUT < IOUT(MAX), 4.75V < VIN < 10V
4
10
mA
ΔVOUT=1%, IOUT < IOUT(MAX)
1.2
1.5
V
Dropout Voltage
LX8384-33
LX8384A/84B-33
ΔV
ΔVOUT=1%, IOUT < IOUT(MAX)
1
1.3
V
Maximum Output Current
IOUT(MAX)
VIN < 7V
5
6
A
Temperature Stability (Note 3)
ΔVOUT (T)
0.25
%
Long Term Stability (Note 3)
ΔVOUT (t)
TA=125°C, 1000 hours
0.3
1
%
RMS Output Noise (% of VOUT)
(Note 3)
VOUT (RMS)
TA=25°C, 10Hz < f < 10kHz
0.003
%
Note 2
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output
voltage due to heating effects are covered under the specification for thermal regulation.
Note 3
These parameters, although guaranteed are not tested in production.
Note 4
See Maximum Output Current Section


Similar Part No. - LX8384-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XXCDT MICROSEMI-LX8384-XXCDT Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384-XXCDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com