Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8940 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8940
Description  5V Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8940_05 Datasheet HTML 1Page - Microsemi Corporation LX8940_05 Datasheet HTML 2Page - Microsemi Corporation LX8940_05 Datasheet HTML 3Page - Microsemi Corporation LX8940_05 Datasheet HTML 4Page - Microsemi Corporation LX8940_05 Datasheet HTML 5Page - Microsemi Corporation LX8940_05 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LX8940
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.3a, 2005-11-18
5V Low Dropout Regulator
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)......................................................................................... -15V to 26V
Maximum Operating Junction Temperature .............................................................. 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
Peak Package Solder Reflow Temp. (40 seconds max. exposure) ................. 260°C (+0,-5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal. Pin numbers refer to
DIL packages only
TH ERMAL DATA
P
Plastic TO-220 3-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
3.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
TAB is GND
GND
Output
Input
P PACKAGE
(Top View)
RoHS / Pb-free 100% matte Tin Lead Finish
RECOMM END E D O P ERATING CONDITIONS
LX8940
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 2
26
V
Load Current (with adequate heatsinking)
5
1000
mA
Maximum Line Transient (Load Dump), VO < 5.5V
60
V
Input Capacitor (VIN to GND)
0.1
µF
Output Capacitor with ESR of 10Ω max., (VOUT to GND & VSB to GND)
10
µF
Note 2: VIN(MIN) = 1.2∆V(MAX) See Dropout Voltage Maximum Limit.


Similar Part No. - LX8940_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940CP MICROSEMI-LX8940CP Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940IP MICROSEMI-LX8940IP Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
More results

Similar Description - LX8940_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com