Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8941 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8941
Description  Adjustable Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8941 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8941 Datasheet HTML 1Page - Microsemi Corporation LX8941 Datasheet HTML 2Page - Microsemi Corporation LX8941 Datasheet HTML 3Page - Microsemi Corporation LX8941 Datasheet HTML 4Page - Microsemi Corporation LX8941 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LX8941
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Adjustable Low Dropout Regulator
TM
®
Copyright
© 2001
Rev. 1.0, 2011-02-04
DESCRIPTION
The
Microsemi
LX8941
is
an
adjustable, low dropout regulator rated
for more than 1A of output current. It
can regulate with as low as 0.8V
headroom between the input and
output voltages, at 1A output current,
thus minimizing power dissipation. In
addition, it can be used in applications
where worst case supplies require a
low input / output differential to
maintain regulation.
This feature makes it ideal for some
processor applications that require 4V
operation from a 5V supply.
In
addition, the LX8941 provides an on /
off switch that reduces the IC quiescent
current when activated, making it ideal
for battery operated applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEA T URES
2% Internally Trimmed
Output
Output Current In Excess of
1A
Input – Output Differential
Less Than 0.8V @ 1A
Reverse Battery Protection
Short Circuit Protection
Internal Thermal Overload
Protection
Available in 5-Lead Plastic
TO-220 & Surface-Mount
TO-263
PRODUCT HIGHLIG HT
IN
OUT
ADJ
Part
LX8941
10 µF
R1
412
R2
187
22µF
4V
ON
OFF
5V
600
500
400
300
200
100
0
100
500
1000
125°C
25°C
-40°C
Output Current (mA)
Dropout Voltage vs. Output
Current vs. Temperature
PACKAGE ORDER INFO
TA (°C)
Plastic TO-220
5 pin
Plastic TO-263
5 Pin
P
DD
RoHS Compliant / Pb-free
Transition DC: 0543
RoHS Compliant / Pb-free
Transition DC: 0535
0 to 70
LX8941CP
LX8941CDD
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX8941CDD-TR)


Similar Part No. - LX8941

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
LX8941 MICROSEMI-LX8941 Datasheet
148Kb / 5P
   TM Adjustable Low Dropout Regulator
LX8941CDD MICROSEMI-LX8941CDD Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
LX8941CDD MICROSEMI-LX8941CDD Datasheet
148Kb / 5P
   TM Adjustable Low Dropout Regulator
LX8941CP MICROSEMI-LX8941CP Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - LX8941

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com