Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX13088ACLD-TR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX13088ACLD-TR
Description  Dual 1A Step-Down Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX13088ACLD-TR Datasheet(HTML) 2 Page - Microsemi Corporation

  LX13088ACLD-TR Datasheet HTML 1Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 2Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 3Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 4Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 5Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 6Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 7Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 8Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LX13088A
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2010
Rev. 1.0, 2010-09-23
Dual 1A Step-Down Converters
TM
®
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN OUT
PVIN, AVIN to AGND, PGND......................................................................-0.3 to +7.0 V
SW1 and SW2 to AGND, PGND .................................................. PGND -2V to xVIN+2V
All other pins to AGND.................................................................... -0.3V to xVIN + 0.3V
Operating Junction Temperature Range .......................................................... 00C to 1500C
Storage Temperature Range..........................................................................–650C to 1500C
Package
Peak Temp. for Solder Reflow (40 seconds maximum exposure) ..260°C (+0 -5)0C
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of specified terminal. PGND must be wired to AGND
externally.
LD PACKAGE
(Top View)
Marking
RoHS / Pb-free 100% Matte Tin Finish
FUNCTIO N AL PIN DESCRIP T ION
Name
Pin #
Description
FB2
1
Feedback from VO2. Connect voltage divider to the load side of VO2 output inductor-capacitor filter.
AVIN
2
Analog Input. Input to power the internal circuitry of the device, connect to PVIN through a 10Ω resistor and
bypass through a 1μF ceramic capacitor between this pin and PGND, as close to the LX13088A as
possible.
PVIN
3
Control MOSFET switch power inputs. Connect a 10µF ceramic capacitor between this pin and PGND, as
close to the LX13088A as possible.
SW2
4
Converter 2 synchronous buck switching output. Connect to VO2 inductor.
PGND
5
Power Ground Connection. Synchronous rectifier MOSFET source. Provide a star connection between this
pin, VO1, VO2 filter capacitor returns, VIN input capacitor return, and AGND. Keep the star connection as
close to the LX13088A IC as possible.
SW1
6
Converter 1 synchronous buck switching output. Connect to VO1 inductor.
E/S
7
Enable/Synchronization. Pulling this pin high statically enables the LX13088A and pulling the pin low
statically will shut down the LX13088A. Applying a pulse to this pin will synchronize SW1 and SW2
switching frequency to ½ the external clock frequency.
POR
8
Power On Reset output pin. Monitors FB1, FB2 output voltage levels and VIN. POR is pulled low if an
output voltage droop is detected on FB1 or FB2 or VIN, and is Hi-Z during normal operation.
VMON
9
Voltage Monitor – Supervisor for one external voltage (could be input voltage). The POR output is triggered
if this output falls below the VMON threshold.
FB1
10
Feedback from VO1. Connect voltage divider to the load side of VO1 output inductor-capacitor filter.
AGND
PAD
Analog Ground. Connect the exposed pad on the bottom of the package to the GND plane for a thermal
heat sink.
088A
Date/Lot Code
MSC


Similar Part No. - LX13088ACLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
LX13088CLD MICROSEMI-LX13088CLD Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
LX13088CLD-TR MICROSEMI-LX13088CLD-TR Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
More results

Similar Description - LX13088ACLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
   Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
   1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com