Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1617A-03-2X Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXMG1617A-03-2X
Description  3.3V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-03-2X Datasheet(HTML) 2 Page - Microsemi Corporation

  LXMG1617A-03-2X Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-03-2X Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-03-2X Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-03-2X Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-03-2X Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-03-2X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2007
Rev. 1.1, 2010-02-26
P
Pa
an
ne
ellM
Ma
attc
ch
h
"
"A
A S
Se
er
riie
ess"
"
LXMG1617A-03-2x
3.3V 2.2W CCFL Programmable Inverter Module
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Signal Voltage (VIN) ........................................................................................................................................-0.3V to 5V
Input Power ...................................................................................................................................................................... 3.0W
Output Voltage, no load ............................................................................................................ Internally Limited to 1300VRMS
Output Current ...............................................................................................................................6mARMS (Internally Limited)
Output Power ................................................................................................................................................................... 2.3W
Input Signal Voltage ( SLEEP Input) .......................................................................................................................-0.3V to 5V
Input Signal Voltage (BRITE) ..................................................................................................................................-0.3V to 5V
Ambient Operating Temperature, zero airflow.....................................................................................................-30°C to 80°C
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Exceeding these ratings could cause damage to the device. All voltages are with respect to ground. Currents are positive into, negative out of specified
terminal.
RECOMMENDED OPERATIN G CONDITIONS (R .C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, may not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated
Lamp Current)
3
3.3
3.6
Input Supply Voltage Range (Functional)
VIN
3
4.2
V
Output Power
PO
2.2
W
Linear BRITE Control Input Voltage Range¹
VBRT_ADJ
0
2.0
V
Lamp Operating Voltage
VLAMP
325
380
435*
VRMS
Lamp Current (Full Brightness)
IOLAMP
3.5
5.0
mARMS
Operating Ambient Temperature Range
TA
-30
80
°C
¹ The BRITE minimum input voltage level is 0V, whereas it is 0.5V in the original LXMG1617-03-2x inverter, see application info on page 5.
*Total output power must not exceed 2.2W. Higher voltage lamps may require maximum output current to be set lower than 5mARMS
†At input voltages below 3.6V the inverter may not be able to output the full 5mARMS in all configurations.
ELECTRI CAL CHARACTERISTICS
The following specifications apply over the recommended operating condition and ambient temperature of 0°C to 60
°C except where
otherwise noted.
LXMG1617A-03-2x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ ≥ 2.0V, SLEEP ≥ 2.0V, VIN = 3.3V
ISET1 = Ground, ISET2 = Ground
3.0
3.5
4.0
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ ≥ 2.0V, SLEEP ≥ 2.0V, VIN = 3.3V
ISET1 = Ground, ISET2 = Open
3.5
4.0
4.5
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ ≥ 2.0V, SLEEP ≥ 2.0V, VIN = 3.3V
ISET1 = Open, ISET2 = Ground
4.0
4.5
5.0
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ ≥ 2.0V, SLEEP ≥ 2.0V, VIN = 3.3V
ISET1 = Open, ISET2 = Open
4.5
5
5.5
mARMS
Min. Average Lamp Current
IL(MIN)
VBRT_ADJ = 0V, SLEEP ≥ 2.0V, VIN = 3.3V
ISET1 = ISET2 = Gnd, IL(MIN) = IL(MAX) * √(Min Duty Ratio)
0.4
mARMS
Lamp Start Voltage
VLS
-30°C < TA < 80°C, VIN > 3V
1000
1200
VRMS
Operating Frequency
fO
VBRT_ADJ = 2V, SLEEP ≥ 2.0V, VIN = 3.3V
85
90
94
kHz
Burst Frequency²
fBURST
Output Burst Frequency
332
352
368
Hz
² The Burst Frequency of the LXMG1617A-03-2x is twice that of the original LXMG1617-03-2x inverter.


Similar Part No. - LXMG1617A-03-2X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-03-2X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618-03-2X MICROSEMI-LXMG1618-03-2X Datasheet
168Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXM1617-03-2X MICROSEMI-LXM1617-03-2X Datasheet
182Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617-03-2X MICROSEMI-LXMG1617-03-2X Datasheet
169Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X_10 Datasheet
186Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com