Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1617A-05-2X Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG1617A-05-2X
Description  5V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-05-2X Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG1617A-05-2X_10 Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-05-2X_10 Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-05-2X_10 Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-05-2X_10 Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-05-2X_10 Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-05-2X_10 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2007
Rev. 1.1, 2010-02-26
PanelMatch™ "
"A
A S
Se
er
riie
ess"
"
LXMG1617A-05-2x
5V 2.2W CCFL Programmable Inverter Module
TM
®
TABLE 1 SET TING OUTPUT CURRENT
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
5.0mA
Open*
Ground
4.5mA
Ground
Open*
4.0mA
Ground
Ground
3.5mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHYSICAL DIMENSIONS
L X MG1617 A - 0 5 -2 X
0.8mm ±0.1
0.0315in.
Weight: (5.7g) typ.
4.7mm Max
0.185in.
86mm
3.39in
CN1
CN2
11mm
0.433in.
3.5mm
0.138in.
16mm
0.63in.
71mm
2.80in
12.5mm
0.492in
PCB tolerances ± 0.5mm, M2 or 2-56 recommended mounting screws
GROUNDED MOUNTING
HOLE 2.44MM ±0.08 DIA.
MOUNTING HOLE
2.44MM ±0.08
DIA.
60mm ±0.2mm
2.36in.
9mm ±0.2mm
0.354 in.
R1.0
Warning
High Voltage is present at high
side of transformer, its core
and the high side of the output
connector, please provide at
least 2 mm clearance (in all
directions) on the component
side of the board to any
conductor when mounting
All dimensions in millimeters, inches are for reference only
.
SIMPLIFIED BLOCK DIAGRAM
Ramp
Gen
Transformer
Driver
0V to
2V
+
-
V
LO
V
HI
Comparator
Ramp
V
BRITE
SET
1
High
Voltage
Transformer
ISENSE
OVSENSE
SET
2
20k
+3V
+3V
VIN
OC SENSE
20k
Controller
+3V
215k
10k
1µF


Similar Part No. - LXMG1617A-05-2X_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-05-2X_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618A-05-2X MICROSEMI-LXMG1618A-05-2X Datasheet
183Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1617-05-2X MICROSEMI-LXM1617-05-2X Datasheet
181Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-2X MICROSEMI-LXMG1618-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618-03-2X MICROSEMI-LXMG1618-03-2X Datasheet
168Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X_10 Datasheet
186Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com