Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1617A-12-6X Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXMG1617A-12-6X
Description  12V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-12-6X Datasheet(HTML) 1 Page - Microsemi Corporation

  LXMG1617A-12-6X_10 Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-12-6X_10 Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-12-6X_10 Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-12-6X_10 Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-12-6X_10 Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-12-6X_10 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, Fax: 714-893-2570
Page 1
Copyright
© 2007
Rev 1.1, 2010-02-26
PanelMatch™
LXMG1617A-12-6x
12V 6W CCFL Programmable Inverter Module
TM
®
DESCRIPTION
The LXMG1617A-12-6x is a Single
Output 6W Direct Drive™ CCFL (Cold
Cathode
Fluorescent
Lamp)
Inverter
Module
designed
for
driving
LCD
backlight lamps. It is typically ideal for
driving 12.1” to 15” TFT panels.
LXMG1617A
modules
provide
the
designer with a superior display brightness
range. This brightness range is achievable
with virtually any LCD display.
The
maximum
output
current
is
externally programmable over a range of 5
to 8mA in 1mA steps to allow the inverter
to properly match to a wide array of LCD
panel lamp current specifications. The
modules include a dimming input that
permits brightness control from a DC
voltage source, a PWM signal or an
external potentiometer.
The
resultant
“burst
drive”
that
energizes the lamp was designed to ensure
that
no
premature
lamp
degradation
occurs, while allowing significant power
savings at lower dim levels.
The module converts a DC voltage
from the system battery or AC adapter
directly to high frequency, high-voltage
waves required to ignite and operate
CCFL lamps. A 5V input inverter is also
available (LXMG1617A-05-6x).
The LXMG1617A modules integrate
the newer highly integrated LX1691B
CCFL backlight controller to provide
wider dimming range (typically 100:1+)
and wider temperature range (-30°C to
80°C) compared to the existing solutions
offered by Microsemi.
Other
benefits
of
the
inverter’s
topology include stable fixed-frequency
operation, secondary-side strike voltage
regulation and both open/shorted lamp
protection with fault timeout.
The new LXMG1617A (“A Series”)
modules are designed therefore as a
higher
performance
near
drop-in-
replacement (see BRITE minimum input
voltage level) for those customers and
applications
currently
using
the
LXMG1617 inverters.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected by U.S. Patents: 5,923, 129; 5,930,121; 6,198,234; Patents Pending
KEY FEA T URES
Externally Programmable
Maximum Output Current
Easy to Use Brightness Control
Fixed Frequency Operation
Output Short-Circuit Protection
and Automatic Strike-Voltage
Regulation and Timeout
RangeMAX Wide Range
Dimming
Rated From -30°C to 80°C
UL60950 E175910
RoHS Compliant
APPLICA T IONS
Medical Instrument Displays
Portable Instrumentation
Desktop Displays
Industrial Display Controls
BENEFITS
Smooth, Flicker Free 2%-100%
Full-Range Brightness Control
Programmable Output Current
Allows Inverter to Mate with a
Wide Variety of LCD Panel’s
Specifications
Output Open Circuit Voltage
Regulation Minimizes Corona
Discharge For High Reliability
PRODUCT HIGHLIG HT
UNIVERSAL DIMMING INPUT
"PWM", VDC, OR POTENTIOMETER
DC Voltage
Source
Potentiometer
PWM
Signal
SELECTABLE MAXIMUM OUPUT
CURRENT 5MARMS TO 8MARMS
PACKAGE ORDER INFO
PART NUMBER
OUTPUT CONNECTOR
INVERTER MATES DIRECTLY
TO
PANEL CONNECTORS
LXMG1617A-12-61
JST SM02(8.0)B-BHS-1-TB(LF)(SN), Yeon Ho 20015WR-05A00 or equivalent
JST BHR-03VS-1
LXMG1617A-12-62
JST SM02B-BHSS-1-TB(LF)(SN), Yeon Ho 35001WR-02A00 or equivalent
JST BHSR-02VS-1


Similar Part No. - LXMG1617A-12-6X_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-12-6X_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1617-12-6X MICROSEMI-LXM1617-12-6X Datasheet
181Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6XS MICROSEMI-LXMG1813-12-6XS Datasheet
235Kb / 7P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com