Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3844A Datasheet(PDF) 2 Page - Seme LAB

Part # IP3844A
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3844A Datasheet(HTML) 2 Page - Seme LAB

  IP3844A Datasheet HTML 1Page - Seme LAB IP3844A Datasheet HTML 2Page - Seme LAB IP3844A Datasheet HTML 3Page - Seme LAB IP3844A Datasheet HTML 4Page - Seme LAB IP3844A Datasheet HTML 5Page - Seme LAB IP3844A Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LAB
SEME
IP1844A SERIES
IP1845A SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
VCC
Supply Voltage 1
IO
Output Current
Analog Inputs
(pins 2 and 3)
Error Amp Output Sink Current
IP1844A , IP1845A
Operating Ambient Temperature Range
IP2844A , IP2845A
IP3844A , IP3845A
≤ 30V
0 to ±200mA
–0.3V to 3V
0 to 2mA
–55 to 125°C
–25 to 85°C
0 to 70°C
Notes:
1.
Lower limit set by under voltage lockout specification.
RECOMMENDED OPERATING CONDITIONS
* 1844A and 1845A series only.
Values in brackets are for IP1845 series.
3.6V
ERROR
AMP
OSCILLATOR
2R
R
1V
R
S
PW M
LATCH
CURRENT
SENSE
COM PARATOR
16V
(8.4V)
6V
(0.5V)
2.5V
UNDER–VOLTAGE
LOCKOUT
ENABLE
REFERENCE
REGULATOR
5V
INTERNAL
BIAS
34V
REG
R
S
V
STATUS
LATCH
REF
PIN NUM BERS
1st Num ber
2nd Num ber
– N, J and 8 Pin D Packages
– 14 Pin D Package.
COMP
GND
VCC
I
SENSE
VFB
/C
R
T
T
OUTPUT
POW ER
GROUND
V
REF
V
C
3/5
5/9
7/12
2/3
1/1
4/7
6/10
7/11
5/8
8/14
TOGGLE
FLIP
FLOP *
T
Q
DESCRIPTION
The IP1844A/IP1845A series of switching regulator control circuits contain all the functions necessary to
implement off-line, current mode switching regulators, using a minimum number of external parts. Functions
included are voltage reference, error amplifier, current sense comparator, oscillator, totem-pole output driver and
under-voltage lockout circuitry.
In addition the IP1844A and IP1845A series of devices have a toggle flip-flop which blanks the output on every
second clock pulse, thereby ensuring that the duty cycle never exceeds 50%. For applications requiring more
flexible control, all devices feature an on-chip trimmed oscillator discharge current, allowing accurate control to
maximum-duty-cycle by selection of timing components. This can be beneficial even when using the IP1844A or
IP1845A series, as it allows optimum safety margins to be designed into the application.
Although pin compatible with the standard IP1844/5 parts these devices offer improved performance in several
areas. They also offer tighter specification and improved performance over the IP and UC1844/5 series, whilst
retaining complete compatibility.
BLOCK DIAGRAM


Similar Part No. - IP3844A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP3844 SEME-LAB-IP3844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP3844A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1842A SEME-LAB-IP1842A Datasheet
57Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com