Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1621-xx Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LXMG1621-xx
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1621-xx Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LXMG1621-xx Datasheet HTML 2Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 3Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 4Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 5Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 6Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 7Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 8Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 9Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2007
Rev. 1.2, 2010-08-20
RangeMAX
LXMG1621-xx
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PRODUCTION DATA SHEET
TM
®
HOW THE RANGEMAX WORK S
LAMP VOLTAGE & LAMP CURRENT –
BURST MODE OPERATION
Figure 3 – 50% Burst Duty Cycle
Figure 4 – 2% Burst Duty Cycle
Rather than using the traditional dimming technique of
varying lamp current magnitude to adjust light output,
RangeMAX inverters use a fixed lamp current value with a duty
cycle control method.
The lamp current burst width can be modulated from 100%
(continuous lamp current) down to a 2% duty cycle, allowing the
lamp to be dimmed to less than 1% of its full brightness.
As can be seen in Trace 3 of Figure 5 photo at right, careful
design consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current overshoot
that can result in premature cathode wear and reduce lamp life.
Figure 5 – 2% Burst Duty Cycle (Expanded Time Base)
Ramp Gen.
Transformer
Driver
High Voltage
Transformer
Comparator
Ramp
+
-
I
SENSE
V
SENSE
V
BRITE
0.25 -
2.2V
DC
V
SYNC
V
LO
V
HI
V
LO
V
HI
Figure 6 – RangeMAX Simplified Block Diagram
HIGHLIGHTS
Integrated brightness control circuit includes a DC
voltage to pulse width converter that minimizes system
design work and system noise susceptibility.
This
provides a familiar and convenient interface while
reducing the potential for externally induced noise, which
can cause lamp flicker.
An on-board oscillator operates the inverter BURST rate
about 95Hz, well beyond standard 50/60Hz video refresh
rates where the eye can perceive pulsing light.
RangeMAX inverter modules are designed to operate
with the burst frequency synchronized to the video frame
rate.
This provides operation with no visible display
disturbances caused by beat frequencies between the
lamps and video frame rates.


Similar Part No. - LXMG1621-xx

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXMG1621-xx

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com