Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1621-xx Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LXMG1621-xx
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1621-xx Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LXMG1621-xx Datasheet HTML 2Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 3Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 4Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 5Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 6Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 7Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 8Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 9Page - Microsemi Corporation LXMG1621-xx Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2007
Rev. 1.2, 2010-08-20
RangeMAX
LXMG1621-xx
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PRODUCTION DATA SHEET
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LXMG1621-xx

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXMG1621-xx

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com