Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED04 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8CLED04
Description  EZ-Color??HB LED Controller Binning compensation
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED04 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8CLED04 Datasheet HTML 1Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 2Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 3Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 4Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED04 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
CY8CLED08
Document Number: 001-12981 Rev. *J
Page 4 of 52
1. EZ-Color™ Functional Overview
Cypress' EZ-Color family of devices offers the ideal control
solution for high brightness LED applications requiring intelligent
dimming control. EZ-Color devices combine the power and
flexibility of Programmable System-on-Chip (PSoC®). Cypress'
precise illumination signal modulation (PrISM™) modulation
technology provides lighting designers a fully customizable and
integrated lighting solution platform.
The EZ-Color family supports a range of independent LED
channels from 4 channels at 32 bits of resolution each, up to 16
channels at 8 bits of resolution each. This enables lighting
designers the flexibility to choose the LED array size and color
quality. PSoC Designer software, with lighting specific drivers,
can
significantly
cut
development
time
and
simplify
implementation of fixed color points through temperature,
optical, and LED binning compensation. EZ-Color's virtually
limitless analog and digital customization enable simple
integration of features in addition to intelligent lighting, such as
battery charging, image stabilization, and motor control during
the development process. These features, along with Cypress'
best-in-class quality and design support, make EZ-Color the
ideal choice for intelligent HB LED control applications.
1.1 Target Applications
LCD Backlight
Large Signs
General Lighting
Architectural Lighting
Camera/Cell Phone Flash
Flashlights
1.2 The PSoC Core
The PSoC Core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
General Purpose I/O (GPIO).
The M8C CPU core is a powerful processor with speeds up to
48 MHz, providing a four MIPS 8-bit Harvard-architecture
microprocessor. The CPU uses an interrupt controller with 17
vectors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
Sleep and watchdog timers (WDT).
Memory encompasses 16K of Flash for program storage, 256
bytes of SRAM for data storage, and up to 2K of EEPROM
emulated using the Flash. Program Flash uses four protection
levels on blocks of 64 bytes, allowing customized software IP
protection.
The EZ-Color family incorporates flexible internal clock
generators, including a 24 MHz internal main oscillator (IMO)
accurate to 2.5% over temperature and voltage. The 24 MHz
IMO can also be doubled to 48 MHz for use by the digital system.
A low power 32 kHz internal low speed oscillator (ILO) is
provided for the Sleep timer and WDT. If crystal accuracy is
desired, the external crystal oscillator (ECO) (32.768 kHz ECO)
is available for use as a real time clock (RTC) and can optionally
generate a crystal-accurate 24 MHz system clock using a PLL.
The clocks, together with programmable clock dividers (as a
system resource), provide the flexibility to integrate almost any
timing requirement into the EZ-Color device.
EZ-Color GPIOs provide connection to the CPU, digital, and
analog resources of the device. Each pin’s drive mode may be
selected from eight options, allowing great flexibility in external
interfacing. Every pin also has the capability to generate a
system interrupt on high level, low level, and change from last
read.
1.3 The Digital System
The digital system is composed of 8 digital blocks. Each block is
an 8-bit resource that can be used alone or combined with other
blocks to form 8-, 16-, 24-, and 32-bit peripherals, which are
called user modules.
Figure 1-1. Digital System Block Diagram
Digital peripheral configurations include the following:
PrISM (8- to 32-bit)
PWMs (8- to 32-bit)
PWMs with dead band (8- to 32-bit)
Counters (8- to 32-bit)
Timers (8- to 32-bit)
UART 8-bit with selectable parity (up to two)
SPI slave and master (up to two)
I
2C slave and multi-master (one available as a system
resource)
Cyclical redundancy checker (CRC)/Generator (8- to 32-bit)
IrDA (up to two)
Generators (8- to 32-bit)
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 4
Port 3
Port 2
Port 1
Port 0
Port 5


Similar Part No. - CY8CLED04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
CY8CLED04-68LTXI CYPRESS-CY8CLED04-68LTXI Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED04-68LTXIT CYPRESS-CY8CLED04-68LTXIT Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Panasonic Semiconductor
AN5320 PANASONIC-AN5320 Datasheet
147Kb / 4P
   COLOR TV COLOR COMPENSATION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com