Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USTI Datasheet(PDF) 3 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # USTI
Description  Universal Sensors and Transducers Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

USTI Datasheet(HTML) 3 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  USTI Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. USTI Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. USTI Datasheet HTML 3Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Lead Pitch 0.50 mm, 3.10 mm Exposed Pad, Micro
Lead Frame Package (MLF).
PIN FUNCTION DESCRIPTIONS
Name
Pin Descriptions
VCC
Supply voltage
GND
Ground
FX1, ST1
Input channel 1
FX2, ST2
Input channel 2
OSC1, OSC2
Oscillator
M0, M1, M2
Mode selection (see table)
N0, N1, N2
Accuracy selection (see table)
A0, A1, A2
Address of I
2C slave (for I2C bus
communication)
TEST
Calibration signal
SCK
SPI Bus Master clock Input
MISO
SPI Bus Master Input/Slave Output
MOSI
SPI Bus Master Output/Slave Input
SS
SPI Bus Master Slave select
SCL
Two-wire (I
2C compatible) Serial Bus
Clock Line
SDA
Two-wire (I
2C compatible) Serial Bus
Data Input/Output Line
RXD
UART Input
TXD
UART Output
IS0,IS1
Interface mode selection
BN
North port of bridge
BW
West port of bridge
BS
South port of bridge
CE1
Calibration element 1
CE2
Calibration element 2
CHRG, MES,
SMPL
Rx and Cx measurement pins
PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
RXD
TXD/IS1
FX1
FX2
ST1
VCC
GND
OSC1
OSC2
ST2
CE2/BN
SMPL
CHRG
SCL
SDA/IS0
M2/A2
M1/A1
M0/A0
MES/BS
GND
NC
VCC
SCK/N2
MISO/N1
MOSI/N0
SS/TEST
CE1/BW
TQFP/MLF TOP VIEW
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
FX2
ST1
GND
VCC
GND
VCC
OSC1
OSC2
M0/A0
MES/BS
NC
GND
NC
NC
VCC
SCK/N2
NOTE: Bottom Pad for MLF Package Should be
Soldered to Ground.
This device can also be supplied in wafer form. Please
contact Technology Assistance BCNA 2010 S. L. sales
office for detailed ordering information and minimum
quantities.
For more detailed information, specifications and
application notes the following document are strongly
recommended: Universal Sensors and Transducers
Interface (USTI): Specification and Application Note
Technology Assistance BCNA 2010, S. L.
Riera de Tena, No. 9 Local 4, 08014,
Barcelona, Spain
Tel.:+34 680 282 682
E-mail: info@techassist2010.com
Web: http://www. techassist2010.com


Similar Part No. - USTI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
More results

Similar Description - USTI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
B58611K1100A001 EPCOS-B58611K1100A001 Datasheet
138Kb / 7P
   Pressure sensors Gauge pressure transducers
logo
Advantech Co., Ltd.
BB-JC10F50-V ADVANTECH-BB-JC10F50-V Datasheet
816Kb / 2P
   Split-core Current Transducers/Sensors
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Comset Semiconductor
SAA1029 COMSET-SAA1029 Datasheet
281Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
PHOENIX CONTACT
2902049 PHOENIX-2902049 Datasheet
445Kb / 16P
   Temperature transducers for resistance thermometers and remote resistance-type sensors
logo
CML Microcircuits
PE0003 CMLMICRO-PE0003 Datasheet
584Kb / 2P
   Universal Interface Card
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
   Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
   Heavy Duty Pressure Sensors/Transducers Line Guide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com