Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1R19 Datasheet(PDF) 3 Page - Seme LAB

Part # IP1R19
Description  5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R19 Datasheet(HTML) 3 Page - Seme LAB

  IP1R19 Datasheet HTML 1Page - Seme LAB IP1R19 Datasheet HTML 2Page - Seme LAB IP1R19 Datasheet HTML 3Page - Seme LAB IP1R19 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LAB
SEME
IP1R19A
IP3R19A
IP1R19A
IP3R19A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
IP1R19A–12
IP1R19–12
IP3R19A–12
IP3R19–12
Parameter
Test Conditions 2
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VO
∆V
O
∆V
I
∆V
O
∆I
O
IQ
∆I
Q
VD
IPEAK
ISC
en
RθJC
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Dropout Voltage
Ripple Rejection
Thermal Regulation
Peak Output Current
Short Circuit Current
Output Noise Voltage
Thermal Resistance
Junction to Case
IO = -5mA to -5A
P
≤ 50W
VIN = -15V to -27V
TJ = Over Temp. Range 1
VIN = -14.5V to -35V
IO = -5mA 3
TJ = Over Temp. Range 1
IO = -5mA to -5A 3
TJ = Over Temp. Range 1
IO = -5mA
TJ = Over Temp. Range 1
IO = -5mA to -5A
TJ = Over Temp. Range 1
IO = -5mA
VIN = -14.5V to -35V
TJ = Over Temp. Range 1
IO = -5A
∆V
OUT = 250mV
TJ = Over Temp. Range 1
IO = -1A
f = 120Hz
TJ = Over Temp. Range 1
tp = 20ms
∆P = 50W
VIN = -17V
TJ = Over Temp. Range 1
VIN = -17V
VIN = -35V
f = 10Hz to 100kHz
K Package
V Package
-12.36
-12
-11.64
-12.60
-11.40
10
60
20
120
20
120
40
240
5
10
5
2.2
3
52
72
0.002
0.02
-12
-8
-4
-2
75
1.0
1.5
1.0
1.5
-12.12
-12
-11.88
-12.36
-11.64
5
30
10
60
10
60
20
120
5
10
5
2.2
3
52
72
0.002
0.01
-12
-8
-4
-2
75
1.0
1.5
1.0
1.5
V
V
mV
mV
mA
mA
V
dB
%/W
A
A
µV
°C/W
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP1R19A–12 / IP1R19–12
TJ =
0 to +125°C for IP3R19A–12 / IP3R19–12
All other specifications apply at TC = 25°C unless otherwise stated.
2) Test conditions unless otherwise stated:–
VIN = -17V , IOUT = -2.5A .
Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 50W.
3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to
maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal
regulation specification.


Similar Part No. - IP1R19

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17 SEME-LAB-IP1R17 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-05 SEME-LAB-IP1R17-05 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-12 SEME-LAB-IP1R17-12 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-15 SEME-LAB-IP1R17-15 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R1705-G SEME-LAB-IP1R1705-G Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - IP1R19

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com