Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1.5KE350A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # M1.5KE350A
Description  Unidirectional and Bidirectional Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1.5KE350A Datasheet(HTML) 3 Page - Microsemi Corporation

  M1.5KE350A Datasheet HTML 1Page - Microsemi Corporation M1.5KE350A Datasheet HTML 2Page - Microsemi Corporation M1.5KE350A Datasheet HTML 3Page - Microsemi Corporation M1.5KE350A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01008 Rev C, September 2010
High Reliability Product Group
Page 3 of 4
ELECTRICAL CHARACTERISTICS @ 25oC
Industry Type
Number
(Note 2)
JEDEC
Type
Number
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown
Voltage
VBR
@
IBR
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Standby
Current
ID @ VWM
Peak Pulse
Current
(see Fig. 2)
IPP
Maximum
Temperature
Coefficient of
VBR
(
V(BR))
V
V
mA
V
A
A
%/
oC
M1.5KE6.8A
M1.5KE7.5A
1N6267A
1N6268A
5.80
6.40
6.45
– 7.14
7.13
– 7.88
10
10
10.5
11.3
1000
500
143.0
132.0
.057
.061
M1.5KE8.2A
M1.5KE9.1A
1N6269A
1N6270A
7.02
7.78
7.79
– 8.61
8.65
– 9.55
10
1
12.1
13.4
200
50
124.0
112.0
.065
.068
M1.5KE10A
M1.5KE11A
1N6271A
1N6272A
8.55
9.40
9.50
– 10.50
10.50
– 11.60
1
1
14.5
15.6
10
5
103.0
96.0
.073
.075
M1.5KE12A
M1.5KE13A
1N6273A
1N6274A
10.220
11.10
11.40
– 12.60
12.40
– 13.70
1
1
16.7
18.2
5
5
90.0
82.0
.078
.081
M1.5KE15A
M1.5KE16A
1N6275A
1N6276A
12.80
13.60
14.30
– 15.80
15.20
– 16.80
1
1
21.2
22.5
1
1
71.0
67.0
.084
.086
M1.5KE18A
M1.5KE20A
1N6277A
1N6278A
15.30
17.10
17.10
– 18.90
19.00
– 21.00
1
1
25.2
27.7
1
1
59.5
54.0
.088
.090
M1.5KE22A
M1.5KE24A
1N6279A
1N6280A
18.80
20.50
20.90
– 23.10
22.80
– 25.20
1
1
30.6
33.2
1
1
49.0
45.0
.092
.094
M1.5KE27A
M1.5KE30A
1N6281A
1N6282A
23.10
25.60
25.70
– 28.40
28.50
– 31.50
1
1
37.5
41.4
1
1
40.0
36.0
.096
.097
M1.5KE33A
M1.5KE36A
1N6283A
1N6284A
28.20
30.80
31.40
– 34.70
34.20
– 37.80
1
1
45.7
49.9
1
1
33.0
30.0
.098
.099
M1.5KE39A
M1.5KE43A
1N6285A
1N6286A
33.30
36.80
37.10
– 41.00
40.90
– 45.20
1
1
53.9
59.3
1
1
28.0
25.3
.100
.101
M1.5KE47A
M1.5KE51A
1N6287A
1N6288A
40.20
43.60
44.70
– 49.40
48.50
– 53.60
1
1
64.8
70.1
1
1
23.2
21.4
.101
.102
M1.5KE56A
M1.5KE62A
1N6289A
1N6290A
47.80
53.00
53.20
– 58.80
58.90
– 65.10
1
1
77.0
85.0
1
1
19.5
17.7
.103
.104
M1.5KE68A
M1.5KE75A
1N6291A
1N6292A
58.10
64.10
64.60
– 71.40
71.30
– 78.80
1
1
92.0
103.0
1
1
16.3
14.6
.104
.105
M1.5KE82A
M1.5KE91A
1N6293A
1N6294A
70.10
77.80
77.90
– 86.10
86.50
– 95.50
1
1
113.0
125.0
1
1
13.3
12.0
.105
.106
M1.5KE100A
M1.5KE110A
1N6295A
1N6296A
85.50
94.00
95.00
– 105.00
105.00
– 116.00
1
1
137.0
152.0
1
1
11.0
9.9
.106
.107
M1.5KE120A
M1.5KE130A
1N6297A
1N6298A
102.00
111.00
114.00
– 126.00
124.00
– 137.00
1
1
165.0
179.0
1
1
9.1
8.4
.107
.107
M1.5KE150A
M1.5KE160A
1N6299A
1N6300A
128.00
136.00
143.00
– 158.00
152.00
– 168.00
1
1
207.0
219.0
1
1
7.2
6.8
.108
.108
M1.5KE170A
M1.5KE180A
1N6301A
1N6303A
145.00
154.00
162.00
– 179.00
171.00
– 189.00
1
1
234.0
246.0
1
1
6.4
6.1
.108
.108
M1.5KE200A
M1.5KE220A
-
171.00
185.00
190.00
– 210.00
209.00
– 231.00
1
1
274.0
328.0
1
1
5.5
4.6
.108
.110
M1.5KE250A
M1.5KE300A
-
214.00
256.00
237.00
– 263.00
285.00
– 315.00
1
1
344.0
414.0
1
1
5.0
5.0
.110
.111
M1.5KE350A
M1.5KE400A
-
300.00
324.00
332.00
– 368.00
380.00
– 420.00
1
1
482.0
548.0
1
1
4.0
4.0
.111
.111
NOTE 1:
Normal selection criteria for TVS devices is by rated stand-off voltage (VWM) and should be equal or greater than dc
or continuous peak operating voltage.
NOTE 2:
For bidirectional construction, indicate a CA as suffix after part number (e.g. M1.5KE33CA). For Bidirectional types
having VWM of 8 volts and under, the ID leakage current is doubled. Bidirectional capacitance is half that shown in
Figure 4 at zero volts.
NOTE 3:
For unidirectional, the forward voltage (VF) is 3.5 volts maximum at 100 Amps peak for 8.3 ms half-sine wave.


Similar Description - M1.5KE350A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com