Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP4202 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MPP4202
Description  CONTROL DEVICES ??MMSM PIN and Limiter Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPP4202 Datasheet(HTML) 2 Page - Microsemi Corporation

  MPP4202 Datasheet HTML 1Page - Microsemi Corporation MPP4202 Datasheet HTML 2Page - Microsemi Corporation MPP4202 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPP4201 – MPP4205, MPL4700
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES – MMSM PIN and Limiter Diodes
TM
®
RoHS Compliant
.
DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
VB (V)
IR=10μA
(Min)
CT(pF)
1
@-10V
(Max)
RS(Ω)
2@
0.01 mA
(Typ)
RS(Ω)
2
@1 mA
RS(Ω)
2
@10 mA
(Max)
RS(Ω)
2
@20 mA
(Max)
TL
(Typ)
Application
MPP4201
70
0.20
2.5
150
Switching / Attenuation
MPP4202
50
0.15
2.8
50
Switching
MPP4203
50
0.10
3.0
50
Economy Switching
MPP4204
25
0.15
2.0
20
Switching
MPP4205
70
0.15
250
7-16
5.0
150
Attenuation
MPL4700
25
0.15
2.0
a
20
Receiver Protection
MPL4701
15
0.20
2.5
a
10
Receiver Protection
Notes
1- Capacitance is measured at f = 1 MHz.
2- Series Resistance (RS) is measured at f = 100 MHz. Devices are mounted in a package suitable for testing.
a.
RS is measured at 1GHz for the MPL4700 and MPL4701 devices.
Microsemi
Copyright
 2006
Rev: 2009-01-19


Similar Part No. - MPP4202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPP4202 MICROSEMI-MPP4202 Datasheet
63Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
More results

Similar Description - MPP4202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
   TM CONTROL DEVICES - LIMITER DIODES
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
   CONTROL DEVICES - BEAMLEAD PIN DIODES
logo
Tyco Electronics
MA4L MACOM-MA4L Datasheet
205Kb / 3P
   Limiter PIN Diodes
logo
Skyworks Solutions Inc.
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
logo
Microsemi Corporation
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
   CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
   CONTROL DEVICES High Power PIN Diodes
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
   CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com