Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM50GB120DN2 Datasheet(PDF) 6 Page - eupec GmbH

Part # BSM50GB120DN2
Description  IGBT Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GB120DN2 Datasheet(HTML) 6 Page - eupec GmbH

Back Button BSM50GB120DN2 Datasheet HTML 2Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 3Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 4Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 5Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 6Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 7Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 8Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 9Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Oct-21-1997
BSM 50 GB 120 DN2
Typ. gate charge
VGE = ƒ(QGate)
parameter: IC puls = 50 A
0
40
80 120 160 200 240 280 nC 340
QGate
0
2
4
6
8
10
12
14
16
V
20
VGE
800 V
600 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
CE
-1
10
0
10
1
10
2
10
nF
C
Ciss
Coss
Crss
Reverse biased safe operating area
ICpuls = f(VCE) , Tj = 150°C
parameter: VGE = 15 V
0
200 400 600 800 1000 1200
V
1600
V
CE
0.0
0.5
1.0
1.5
2.5
I
Cpuls/IC
Short circuit safe operating area
ICsc = f(VCE) , Tj = 150°C
parameter: VGE = ± 15 V, tSC ≤ 10 µs, L < 50 nH
0
200 400 600 800 1000 1200
V
1600
V
CE
0
2
4
6
8
12
I
Csc/IC


Similar Part No. - BSM50GB120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
Infineon Technologies A...
BSM50GB120DN2 INFINEON-BSM50GB120DN2 Datasheet
260Kb / 10P
   IGBT Power Module
Oct-21-1997
More results

Similar Description - BSM50GB120DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
   IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
   IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
   IGBT Power Module
logo
Solid States Devices, I...
PM0010 SSDI-PM0010_15 Datasheet
82Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM75GB120DN2 EUPEC-BSM75GB120DN2 Datasheet
310Kb / 10P
   IGBT Power Module
BSM150GB170DN2 EUPEC-BSM150GB170DN2 Datasheet
332Kb / 10P
   IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com