Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1R18-12 Datasheet(PDF) 3 Page - Seme LAB

Part # IP1R18-12
Description  5 AMP POSITIVE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R18-12 Datasheet(HTML) 3 Page - Seme LAB

  IP1R18-12 Datasheet HTML 1Page - Seme LAB IP1R18-12 Datasheet HTML 2Page - Seme LAB IP1R18-12 Datasheet HTML 3Page - Seme LAB IP1R18-12 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IP1R18A SERIES
IP1R18A SERIES
IP3R18A SERIES
IP3R18A SERIES
Prelim. 9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP1R18A–12
IP1R18–12
IP3R18A–12
IP3R18–12
Parameter
Test Conditions 2
Min.
Typ.
Max.
Min.
Typ.
Max. Units
VO
DV
O
DV
I
DV
O
DI
O
IQ
DI
Q
VD
IPEAK
ISC
en
RqJC
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Dropout Voltage
Ripple Rejection
Thermal Regulation
Peak Output Current
Short Circuit Current
Output Noise Voltage
Thermal Resistance
Junction to Case
IO = 5mA to 5A
POUT £ 50W
VIN = 15V to 27V
TJ = Over Temp. Range 1
VIN = 14.5V to 35V
IO = 5mA 3
TJ = Over Temp. Range 1
IO = 5mA to 5A 3
TJ = Over Temp. Range 1
IO = 5mA
TJ = Over Temp. Range 1
IO = 5mA to 5A
TJ = Over Temp. Range 1
IO = 5mA
VIN = 14.5V to 35V
TJ = Over Temp. Range 1
IO = 5A
DV
OUT = 250mV
TJ = Over Temp. Range 1
IO = 1A
f = 120Hz
TJ = Over Temp. Range 1
tp = 20ms
DP = 50W
VIN = 17V
TJ = Over Temp. Range 1
VIN = 17V
VIN = 35V
K Package
V Package
11.64
12
12.36
11.40
12.60
10
60
20
120
20
120
40
240
7
10
3
2.5
3
52
72
0.002
0.02
812
4
2
75
1.0
1.5
1.0
1.5
11.88
12
12.12
11.64
12.36
530
10
60
10
60
20
120
7
10
3
2.5
3
52
72
0.002
0.01
812
4
2
75
1.0
1.5
1.0
1.5
V
V
mV
mV
mA
mA
V
dB
%/W
A
A
mV
°C/W
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP1R18A–12 / IP1R18–12
TJ =
0 to +125°C for IP3R18A–12 / IP3R18–12
All other specifications apply at TJ = 25°C unless otherwise stated.
2) Test conditions unless otherwise stated:–
VIN = 17V , IOUT = 2.5A .
Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 50W.
3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to
maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal
regulation specification.


Similar Part No. - IP1R18-12

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17 SEME-LAB-IP1R17 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-05 SEME-LAB-IP1R17-05 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-12 SEME-LAB-IP1R17-12 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-15 SEME-LAB-IP1R17-15 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R1705-G SEME-LAB-IP1R1705-G Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - IP1R18-12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS2100 ETC2-LAS2100 Datasheet
219Kb / 4P
   5 AMP 85, WATT POSITIVE HYBRID VOLTAGE REGULATORS
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
   0.25 AMP POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
IP123A SEME-LAB-IP123A Datasheet
65Kb / 7P
   3 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com