Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3U7809-B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S3U7809-B
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S3U7809-B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S3U7809-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S3U7809-B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S3U7809-B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S3U7809-B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S3U7809-B Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S3U7809-B Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Elektronische Bauelemente
S3U78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Dec.-2010 Rev. B
Page 3 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S3U7808-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=14V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VO
B-Rank (5%)
VIN=14V, IO=500mA,Tj=25°C
10.5V≦VIN≦23V, 5mA≦IO≦1A, PD≦15W
7.6
8.0
8.4
V
10.5V≦VIN≦25V, IO=500mA, Tj=25°C
-
3
80
V
O(Line Regulation)
11V≦VIN≦17V, IO=500mA, Tj=25°C
-
1
40
mV
VIN=14V, 5mA≦IO≦1A, Tj=25°C
-
-
100
V
O(Load Regulation)
VIN=14V, 250mA≦IO≦750mA, Tj=25°C
-
-
50
mV
IQ
VIN=14V, IO=500mA,Tj=25°C
-
-
8
mA
VIN=14V, 5mA≦IO≦1A
-
-
0.5
I
Q
10.5V≦VIN≦25V, IO=500mA
-
-
1.3
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
58
-
uV
RR
11.5V≦VIN≦21.5V, f=120Hz, Tj=25°C
-
72
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
A
V
O/Tj
IO=5mA, 0°C≦Tj≦125°C
-
-0.9
-
mV/°C
S3U7809-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=15V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VO
B-Rank (5%)
VIN=15V, IO=500mA,Tj=25°C
11.5V≦VIN≦24V, 5mA≦IO≦1A, PD≦15W
8.55
9.0
9.45
V
11.5V≦VIN≦25V, IO=500mA, Tj=25°C
-
5
90
V
O(Line Regulation)
13V≦VIN≦19V, IO=500mA, Tj=25°C
-
3
45
mV
VIN=15V, 5mA≦IO≦1A, Tj=25°C
-
-
100
V
O(Load Regulation)
VIN=15V, 250mA≦IO≦750mA, Tj=25°C
-
-
50
mV
IQ
VIN=15V, IO=500mA,Tj=25°C
-
-
8
mA
VIN=15V, 5mA≦IO≦1A
-
-
0.5
I
Q
11.5V≦VIN≦26V, IO=500mA
-
-
1.3
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
58
-
uV
RR
12.5V≦VIN≦22.5V, f=120Hz, Tj=25°C
-
72
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
mA
V
O/Tj
IO=5mA, 0°C≦Tj≦125°C
-
-1.1
-
mV/°C


Similar Part No. - S3U7809-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S3U7809 SECOS-S3U7809 Datasheet
219Kb / 6P
   3-Terminal Positive Voltage Regulator
More results

Similar Description - S3U7809-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com