Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3R18AK-05 Datasheet(PDF) 1 Page - Seme LAB

Part # IP3R18AK-05
Description  5 AMP POSITIVE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3R18AK-05 Datasheet(HTML) 1 Page - Seme LAB

  IP3R18AK-05 Datasheet HTML 1Page - Seme LAB IP3R18AK-05 Datasheet HTML 2Page - Seme LAB IP3R18AK-05 Datasheet HTML 3Page - Seme LAB IP3R18AK-05 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IP1R18A SERIES
IP1R18A SERIES
IP3R18A SERIES
IP3R18A SERIES
Prelim. 9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
5 AMP
POSITIVE
VOLTAGE REGULATORS
VI
DC Input Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature Range
TL
Lead Temperature (Soldering, 10 sec)
35V
Internally limited
See Table Above
–65°C to +150°C
300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• 0.01%/V LINE REGULATION
• 0.5% LOAD REGULATION
• 1% OUTPUT TOLERANCE
(–A VERSIONS)
• AVAILABLE IN 5V, 12V AND 15V OPTIONS
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
K Package – TO–3
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground
V Package – TO–218
12
3
123
Order Information
Part
K–Pack
V–Pack
Temp.
Number
(TO–3)
(TO–218)
Range
IP1R18Axx–zz
-55 to +150°C
IP1R18xx–zz
IP3R18Azz–xx
✔✔
0 to +125°C
IP3R18zz–xx
✔✔
Note:
xx = Voltage Code
(05, 12, 15)
eg.
IP1R18AK–05
zz = Package Code
(K, V)
IP3R18V–12


Similar Part No. - IP3R18AK-05

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP3R17 SEME-LAB-IP3R17 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP3R17-05 SEME-LAB-IP3R17-05 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP3R17-12 SEME-LAB-IP3R17-12 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP3R17-15 SEME-LAB-IP3R17-15 Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP3R17A SEME-LAB-IP3R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - IP3R18AK-05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS2100 ETC2-LAS2100 Datasheet
219Kb / 4P
   5 AMP 85, WATT POSITIVE HYBRID VOLTAGE REGULATORS
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
   0.25 AMP POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
IP123A SEME-LAB-IP123A Datasheet
65Kb / 7P
   3 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com