Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM30014 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SDM30014
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SDM30014 Datasheet(HTML) 1 Page - Microsemi Corporation

  SDM30014 Datasheet HTML 1Page - Microsemi Corporation SDM30014 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM 200-1600 Volts
300 Amp Current Rating
Low Profile
Non-Isolated Baseplate
Glass Passivated Die
Compact Package
ROHS Compliant
Catalog Number
800V
600V
400V
200V
Reverse Voltage
Repetitive Peak
Electrical Characteristics
F(AV) 300 Amps
FSM 5500 Amps
FM 1.1 Volts
RM 75 uA
I
I
V
I
T
V
I
T
T
T
Thermal and Mechanical Characteristics
Storage temp range
Operating junction temp range
Terminal Torque
T
T
O
O
R
R
1000V
1200V
Mounting Base Torque
Case to sink
Typical Weight
Dim. Inches
Millimeters
A
B
C
D
F
G
H
K
L
M
A
D
K
M
C
F
G
Min.
Max.
Min.
Max. Notes
---
1.240
---
0.320
0.630
0.610
---
0.182
1.260
.925
0.340
---
0.640
.100
0.192
---
31.49
---
8.13
16.00
15.49
---
4.62
32.00
23.49
8.64
---
16.26
2.54
4.88
Dia.
SDM300
Silicon Power Rectifier
B
H
H
L
2.650
5/16-18 UNC
2.00 BSC
67.31
50.80 BSC
Microsemi
Average forward current
Maximum surge current
Max peak forward voltage
Max peak reverse current
Max thermal resistance
Typical thermal resistance (greased)
-55°C to 175°C
STG
J
-55°C to 175°C
JC
CS
0.15°C/W
0.04°C/W
Junction to case
8.3 ms, half sine,
J = 175°C
RRM,
J = 25°C
R
60-75 inch pounds
30-40 inch pounds
4.93 ounces (140 grams) typical
C = 130°C, half sine,
0JC = 0.15°C/W
*Pulse test: Pulse width 8.33µsec, Duty cycle <1%
SDM30002*
SDM30004*
SDM30006*
SDM30008*
SDM30010*
SDM30012*
FM = 300A: J = 25°C*
1200V
1000V
Working Peak
Reverse Voltage
200V
400V
600V
800V
Max I t for fusing
I t 125990 A s
2
2
RRM,
J = 150°C
Max peak reverse current
*
T
V
I RM 10 mA
2
*Change S to R for Reverse Polarity
Standard Polarity:
Base plate is cathode
Reverse Polarity:
Base plate is anode
SDM30014*
1400V
1400V
1600V
1600V
SDM30016*
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - SDM30014

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SDM30014 MICROSEMI-SDM30014 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
More results

Similar Description - SDM30014

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com