Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG79xxL Datasheet(PDF) 9 Page - Microsemi Corporation

Part # SG79xxL
Description  Negative Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG79xxL Datasheet(HTML) 9 Page - Microsemi Corporation

  SG79xxL Datasheet HTML 1Page - Microsemi Corporation SG79xxL Datasheet HTML 2Page - Microsemi Corporation SG79xxL Datasheet HTML 3Page - Microsemi Corporation SG79xxL Datasheet HTML 4Page - Microsemi Corporation SG79xxL Datasheet HTML 5Page - Microsemi Corporation SG79xxL Datasheet HTML 6Page - Microsemi Corporation SG79xxL Datasheet HTML 7Page - Microsemi Corporation SG79xxL Datasheet HTML 8Page - Microsemi Corporation SG79xxL Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SG79xxA / SG79xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 1997
Rev. 1.6, 2010-07-16
Negative Fixed Voltage Regulator
TM
®
CONNECTION DIAG RAMS & ORDERING INFORMATION ( SEE NO T ES BELO W)
Package
Part No.
Ambient
Temperature Range
Connection Diagram
3-Terminal TO-3 Metal Can
K – Package
SG79xxAK/883B
-55°C to 125°C
GND
V
OUT
1
2
Case is VIN
SG7905AK/DESC
-55°C to 125°C
SG7912AK/DESC
-55°C to 125°C
SG7915AK/DESC
-55°C to 125°C
SG79xxAK
-55°C to 125°C
SG79xxK/883B
-55°C to 125°C
JAN7905K
-55°C to 125°C
JAN7912K
-55°C to 125°C
JAN7915K
-55°C to 125°C
SG79xxK
-55°C to 125°C
3-Pin TO-39 Metal Can
T – Package
SG79xxAT/883B
-55°C to 125°C
1
2
3
GND
V
OUT
V
IN
Case is VIN
SG7905AT/DESC
-55°C to 125°C
SG7912AT/DESC
-55°C to 125°C
SG7915AT/DESC
-55°C to 125°C
SG79xxAT
-55°C to 125°C
SG79xxT/883B
-55°C to 125°C
JAN7905T
-55°C to 125°C
JAN7912T
-55°C to 125°C
JAN7915T
-55°C to 125°C
SG79xxT
-55°C to 125°C
3-Pin Hermetic TO-257
IG – Package (Isolated)
SG79xxAIG/883B
-55°C to 125°C
V
OUT
GROUND
V
IN
SG7905AIG/DESC
-55°C to 125°C
SG7912AIG/DESC
-55°C to 125°C
SG7915AIG/DESC
-55°C to 125°C
SG79xxAIG
-55°C to 125°C
SG79xxIG/883B
-55°C to 125°C
SG79xxIG
-55°C to 125°C
20-Pin Ceramic Leadless Chip
Carrier
L – Package
SG79xxL/883B
-55°C to 125°C
V
O
V
O
N.C.
V
O SENSE
N.C.
N.C.
GROUND
N.C.
GROUND
N.C.
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
19
20
See Notes 5 & 6
SG79xxL
-55°C to 125°C
SG7905AL/DESC
-55°C to 125°C
SG7912AL/DESC
-55°C to 125°C
SG7912AL/DESC
-55°C to 125°C
3-Pin Hermetic TO-257
G – Package (Case is VIN)
SG79xxAG/883B
-55°C to 125°C
V
OUT
GROUND
V
IN
Case is VIN
SG7905AG/DESC
-55°C to 125°C
SG7912AG/DESC
-55°C to 125°C
SG7915AG/DESC
-55°C to 125°C
SG79xxAG
-55°C to 125°C
SG79xxG/883B
-55°C to 125°C
SG79xxG
-55°C to 125°C
Note
1: Contact factory for JAN and DESC product availability.
2: All parts are viewed from the top.
3: “xx” to be replaced by output voltage of specific fixed regulator.
4: Some products will be available in hermetic flat pack (F). Consult factory for price and availability.
5: Both inputs and outputs must be externally connected together at the device terminals.
6: For normal operation, the VO SENSE pin must be externally connected to the load.
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - SG79xxL

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG79XXL MICRO-ELECTRONICS-SG79XXL Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG79XXL MICROSEMI-SG79XXL Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXL MICROSEMI-SG79XXL Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXL MICROSEMI-SG79XXL Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79XXL-883B MICROSEMI-SG79XXL-883B Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG79xxL

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com