Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS1100V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS1100V
Description  1 A, 100 V Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS1100V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS1100V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS1100V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS1100V
1 A, 100 V
Schottky Barrier Rectifiers
04-Dec-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable per MIL-STD-202, method 208 guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING CODE
SN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VR
100
V
Average Forward Current @TJ=25°C
IF(AV)
1
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
IFM = 1 A, TA = 25°C
VF1
0.83
V
Maximum Instantaneous Forward Voltage
IFM = 1 A, TA = 125°C
VF2
0.68
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 25°C
IR1
50
uA
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 125°C
IR2
1
mA
Typical Junction Capacitance(Note 1)
CJ
90
pF
Typical Thermal Resistance (Note 2)
RθJA
488
°C/W
Operating Temperature Range
TJ
150
°C
Storage temperature
TSTG
150
°C
Notes:
1. Measured at 1MHZ and applied reverse of 0V DC.
2. FR-4 PCB, 2 oz. 0.65mm ×1.35mm copper pad.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
SOD-323


Similar Part No. - SCS1100V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS1100V-C SECOS-SCS1100V-C Datasheet
190Kb / 2P
   Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V_15 Datasheet
269Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - SCS1100V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
   1 A, 100 V Schottky Barrier Rectifiers
SCS05100V SECOS-SCS05100V Datasheet
268Kb / 2P
   0.5 A, 100 V Schottky Barrier Rectifiers
SCS05100P SECOS-SCS05100P Datasheet
271Kb / 2P
   0.5 A, 100 V Schottky Barrier Rectifiers
SM140V SECOS-SM140V Datasheet
48Kb / 2P
   1 A, 40 V Schottky Barrier Rectifiers
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
   1 A, 60 V Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG100T10ELXD-Q NEXPERIA-PMEG100T10ELXD-Q Datasheet
255Kb / 13P
   100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T10ELXD NEXPERIA-PMEG100T10ELXD Datasheet
255Kb / 13P
   100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
logo
SeCoS Halbleitertechnol...
SCS120P SECOS-SCS120P Datasheet
184Kb / 2P
   VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
   VOLTAGE 100 V 10A Schottky Barrier Rectifiers
SM20100D1 SECOS-SM20100D1 Datasheet
275Kb / 2P
   VOLTAGE 100 V 20Amps Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com